Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMSD301T1G Datasheet(PDF) 2 Page - ON Semiconductor

Part # MMSD301T1G
Description  SOD-123 Schottky Barrier Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMSD301T1G Datasheet(HTML) 2 Page - ON Semiconductor

  MMSD301T1G Datasheet HTML 1Page - ON Semiconductor MMSD301T1G Datasheet HTML 2Page - ON Semiconductor MMSD301T1G Datasheet HTML 3Page - ON Semiconductor MMSD301T1G Datasheet HTML 4Page - ON Semiconductor MMSD301T1G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MMSD301T1G, MMSD701T1G
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA =25C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Reverse Breakdown Voltage
(IR =10 mA)
MMSD301T1
MMSD701T1
V(BR)R
30
70
--
--
--
--
V
Diode Capacitance
(VR = 0 V, f = 1.0 MHz
MMSD301T1
MMSD701T1
CT
--
--
0.9
0.5
1.5
1.0
pF
Total Capacitance
(VR = 15 V, f = 1.0 MHz)
MMSD301T1
(VR = 20 V, f = 1.0 MHz)
MMSD701T1
CT
--
--
0.9
0.5
1.5
1.0
pF
Reverse Leakage
(VR = 25 V)
MMSD301T1
(VR = 35 V)
MMSD701T1
IR
--
--
13
9.0
200
200
nAdc
nAdc
Forward Voltage
(IF = 1.0 mAdc)
MMSD301T1
(IF =10 mA)
(IF = 1.0 mAdc)
MMSD701T1
(IF =10 mA)
VF
--
--
--
--
0.38
0.52
0.42
0.7
0.45
0.6
0.5
1.0
Vdc



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com