Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMSD301T1 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MMSD301T1
Description  SOD-123 Schottky Barrier Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMSD301T1 Datasheet(HTML) 1 Page - ON Semiconductor

  MMSD301T1 Datasheet HTML 1Page - ON Semiconductor MMSD301T1 Datasheet HTML 2Page - ON Semiconductor MMSD301T1 Datasheet HTML 3Page - ON Semiconductor MMSD301T1 Datasheet HTML 4Page - ON Semiconductor MMSD301T1 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
 Semiconductor Components Industries, LLC, 2010
October, 2010 -- Rev. 5
1
Publication Order Number:
MMSD301T1/D
MMSD301T1G,
MMSD701T1G
SOD--123 Schottky
Barrier Diodes
The MMSD301T1, and MMSD701T1 devices are spin--offs of our
popular MMBD301LT1, and MMBD701LT1 SOT--23 devices. They
are designed for high--efficiency UHF and VHF detector applications.
Readily available to many other fast switching RF and digital
applications.
Features
Extremely Low Minority Carrier Lifetime
Very Low Capacitance
Low Reverse Leakage
These Devices are Pb--Free, Halogen Free/BFR Free and are RoHS
Compliant
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Reverse Voltage
MMSD301T1
MMSD701T1
VR
30
70
Vdc
Forward Current (DC) Continous
IF
200
mA
Forward Power Dissipation
TA =25C
PF
225
mW
Junction Temperature
TJ
-- 55 to +125
C
Storage Temperature Range
Tstg
-- 55 to +150
C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
http://onsemi.com
MARKING DIAGRAM
SOD--123
CASE 425
STYLE 1
Device
Package
Shipping†
ORDERING INFORMATION
MMSD301T1G
SOD--123
(Pb--Free)
3000 Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
xx
= Specific Device Code
XT = MMSD301T1
XH = MMSD701T1
M
= Date Code
G
= Pb--Free Package
1
Cathode
2
Anode
MMSD701T1G
SOD--123
(Pb--Free)
3000 Tape & Reel
XXX MG
G
1
(Note: Microdot may be in either location)


Similar Part No. - MMSD301T1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMSD301T1 MOTOROLA-MMSD301T1 Datasheet
94Kb / 6P
SOD-123 Schottky Barrier Diodes
logo
ON Semiconductor
MMSD301T1 ONSEMI-MMSD301T1 Datasheet
54Kb / 8P
SOD-123 Schottky Barrier Diodes
September, 2001 ??Rev. 2
MMSD301T1G ONSEMI-MMSD301T1G Datasheet
143Kb / 5P
SOD-123 Schottky Barrier Diodes
November, 2011 ??Rev. 6
MMSD301T1G ONSEMI-MMSD301T1G Datasheet
217Kb / 6P
SOD-123 Schottky Barrier Diodes
August, 2020 - Rev. 7
MMSD301T1G ONSEMI-MMSD301T1G_11 Datasheet
143Kb / 5P
SOD-123 Schottky Barrier Diodes
November, 2011 ??Rev. 6
More results

Similar Description - MMSD301T1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMSD301T1 MOTOROLA-MMSD301T1 Datasheet
94Kb / 6P
SOD-123 Schottky Barrier Diodes
logo
ON Semiconductor
MMSD301T1 ONSEMI-MMSD301T1 Datasheet
54Kb / 8P
SOD-123 Schottky Barrier Diodes
September, 2001 ??Rev. 2
logo
WILLAS ELECTRONIC CORP
1N4148W WILLAS-1N4148W Datasheet
375Kb / 3P
SOD-123 Plastic-Encapsulate Diodes
logo
Jinan Jingheng (Group) ...
B0520W JINANJINGHENG-B0520W Datasheet
259Kb / 2P
SOD-123 Plastic-Encapsulate Schottky Barrier Diode
logo
ON Semiconductor
MMSD301T1G ONSEMI-MMSD301T1G_11 Datasheet
143Kb / 5P
SOD-123 Schottky Barrier Diodes
November, 2011 ??Rev. 6
logo
Jiangsu High diode Semi...
1N4148W HDSEMI-1N4148W Datasheet
1Mb / 5P
SOD-123 Plastic-Encapsulate Diodes
1N4448WT5 HDSEMI-1N4448WT5 Datasheet
1Mb / 5P
SOD-123 Plastic-Encapsulate Diodes
1N5819W HDSEMI-1N5819W Datasheet
1Mb / 4P
SOD 123 Plastic-Encapsulate Diodes
BZT52B-SOD123 HDSEMI-BZT52B-SOD123 Datasheet
1Mb / 5P
SOD 123 Plastic-Encapsulate Diodes
logo
UN Semiconducctor INC
BAT43W UNSEMI-BAT43W Datasheet
2Mb / 4P
SOD-123 Plastic-Encapsulate Diodes
Revision March 1,2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com