Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBD701 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MBD701
Description  Silicon Hot-Carrier Diodes Schottky Barrier Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBD701 Datasheet(HTML) 1 Page - ON Semiconductor

  MBD701_09 Datasheet HTML 1Page - ON Semiconductor MBD701_09 Datasheet HTML 2Page - ON Semiconductor MBD701_09 Datasheet HTML 3Page - ON Semiconductor MBD701_09 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2009
March, 2009 − Rev. 5
1
Publication Order Number:
MBD701/D
MBD701, MMBD701LT1
Preferred Device
Silicon Hot-Carrier Diodes
Schottky Barrier Diodes
These devices are designed primarily for high−efficiency UHF and
VHF detector applications. They are readily adaptable to many other
fast switching RF and digital applications. They are supplied in an
inexpensive plastic package for low−cost, high−volume consumer
and industrial/commercial requirements. They are also available in a
Surface Mount package.
Features
• Extremely Low Minority Carrier Lifetime − 15 ps (Typ)
• Very Low Capacitance − 1.0 pF @ VR = 20 V
• High Reverse Voltage − to 70 V
• Low Reverse Leakage − 200 nA (Max)
• Pb−Free Packages are Available
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Reverse Voltage
VR
70
V
Forward Power Dissipation
@ TA = 25°C
MBD701
MMBD701LT
Derate above 25°C
MBD701
MMBD701LT
PF
280
200
2.8
2.0
mW
mW/°C
Operating Junction Temperature
Range
TJ
−55 to +125
°C
Storage Temperature Range
Tstg
−55 to +150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
RecommendedOperating Conditions may affect device reliability.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol Min
Typ
Max
Unit
Reverse Breakdown Voltage
(IR = 10 mAdc)
V(BR)R
70
−
−
V
Total Capacitance
(VR = 20 V, f = 1.0 MHz) Figure 1
CT
−
0.5
1.0
pF
Reverse Leakage
(VR = 35 V) Figure 3
IR
−
9.0
200
nAdc
Forward Voltage
(IF = 1.0 mAdc) Figure 4
VF
−
0.42
0.5
Vdc
Forward Voltage
(IF = 10 mAdc) Figure 4
VF
−
0.7
1.0
Vdc
http://onsemi.com
SOT−23 (TO−236)
CASE 318
STYLE 8
Preferred devices are recommended choices for future use
and best overall value.
1
2
3
Device
Package
Shipping†
ORDERING INFORMATION
MBD701
TO−92
1,000 Units / Box
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
MBD701G
TO−92
(Pb−Free)
1,000 Units / Box
MMBD701LT1
SOT−23
3,000 / Tape & Reel
MMBD701LT1G
SOT−23
(Pb−Free)
3,000 / Tape & Reel
*Date Code orientation and/or overbar may vary
depending upon manufacturing location.
1
5H M G
G
A
= Assembly Location
Y
= Year
WW = Work Week
5H = Device Code (SOT−23)
M
= Date Code*
G
= Pb−Free Package
(Note: Microdot may be in either location)
MARKING
DIAGRAMS
3
CATHODE
1
ANODE
2
CATHODE
1
ANODE
TO−92 2−Lead
CASE 182
STYLE 1
1
2
MBD
701
AYWW G
G
MMBD701LT3
SOT−23
10,000/Tape & Reel
MMBD701LT3G
SOT−23
(Pb−Free)
10,000/Tape & Reel


Similar Part No. - MBD701_09

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBD701 ONSEMI-MBD701_06 Datasheet
64Kb / 4P
Silicon Hot?묬arrier Diodes Schottky Barrier Diodes
October, 2006 ??Rev. 4
More results

Similar Description - MBD701_09

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MBD701 LRC-MBD701 Datasheet
54Kb / 2P
Silicon Hot-Carrier Diodes
MMBD301LT1 LRC-MMBD301LT1 Datasheet
54Kb / 2P
Silicon Hot-Carrier Diodes Schottky Barrier Diodes
logo
ON Semiconductor
MMDL301 ONSEMI-MMDL301 Datasheet
39Kb / 4P
Silicon Hot-Carrier Diodes
January, 2000 ??Rev. 0
logo
Leshan Radio Company
LMBD301LT1 LRC-LMBD301LT1 Datasheet
87Kb / 3P
Silicon Hot-Carrier Diodes Schottky Barrier Diodes
LMBD301LT1G LRC-LMBD301LT1G Datasheet
110Kb / 3P
Silicon Hot-Carrier Diodes Schottky Barrier Diodes
logo
ON Semiconductor
MMBD452LT1G ONSEMI-MMBD452LT1G_09 Datasheet
124Kb / 3P
Dual Hot-Carrier Diodes Schottky Barrier Diodes
August, 2009 ??Rev. 4
MBD301G ONSEMI-MBD301G Datasheet
135Kb / 5P
Silicon Hot-Carrier Diodes
August, 2009 ??Rev. 5
MMDL301T1G ONSEMI-MMDL301T1G Datasheet
94Kb / 3P
Silicon Hot-Carrier Diodes
September, 2010??Rev. 2
MBD301G ONSEMI-MBD301G_16 Datasheet
95Kb / 5P
Silicon Hot-Carrier Diodes
October, 2016 ??Rev. 8
MBD701 ONSEMI-MBD701_16 Datasheet
94Kb / 5P
Silicon Hot-Carrier Diodes
October, 2016 ??Rev. 7
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com