Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDS3985M18R Datasheet(PDF) 19 Page - STMicroelectronics

Part # LDS3985M18R
Description  Ultra low drop-low noise BiCMOS 300 mA voltage regulator for use with very low ESR output capacitor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDS3985M18R Datasheet(HTML) 19 Page - STMicroelectronics

Back Button LDS3985M18R Datasheet HTML 12Page - STMicroelectronics LDS3985M18R Datasheet HTML 13Page - STMicroelectronics LDS3985M18R Datasheet HTML 14Page - STMicroelectronics LDS3985M18R Datasheet HTML 15Page - STMicroelectronics LDS3985M18R Datasheet HTML 16Page - STMicroelectronics LDS3985M18R Datasheet HTML 17Page - STMicroelectronics LDS3985M18R Datasheet HTML 18Page - STMicroelectronics LDS3985M18R Datasheet HTML 19Page - STMicroelectronics LDS3985M18R Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
LDS3985xx
Revision history
Doc ID 11039 Rev 7
19/20
9
Revision history
Table 7.
Document revision history
Date
Revision
Changes
02-Dec-2004
1
First release.
10-Apr-2007
2
Added: new package TSOT23-5L.
16-May-2007
3
Added: new mechanical data DFN6D and order codes updated.
06-Sep-2007
4
Added: Table 1 in cover page.
11-Jun-2008
5
Modified: Table 6 on page 18.
11-Jul-2009
6
Modified: Table 6 on page 18.
29-Jul-2010
7
Modified: Table 1 on page 1 and Table 6 on page 18.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com