Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB25NM50N Datasheet(PDF) 5 Page - STMicroelectronics

Part # STB25NM50N
Description  N-channel 500 V, 0.11 Ω, 22 A MDmesh??II Power MOSFET TO-220, TO-220FP, I2PAK, D2PAK, TO-247
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB25NM50N Datasheet(HTML) 5 Page - STMicroelectronics

  STB25NM50N Datasheet HTML 1Page - STMicroelectronics STB25NM50N Datasheet HTML 2Page - STMicroelectronics STB25NM50N Datasheet HTML 3Page - STMicroelectronics STB25NM50N Datasheet HTML 4Page - STMicroelectronics STB25NM50N Datasheet HTML 5Page - STMicroelectronics STB25NM50N Datasheet HTML 6Page - STMicroelectronics STB25NM50N Datasheet HTML 7Page - STMicroelectronics STB25NM50N Datasheet HTML 8Page - STMicroelectronics STB25NM50N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
STx25NM50N
Electrical characteristics
5/18
Table 7.
Switching times
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
td(on)
tr
td(off)
tf
Turn-on delay time
Rise time
Turn-off delay time
Fall time
VDD = 250 V, ID = 11 A
RG =4.7 Ω VGS = 10 V
(see Figure 18)
23
23
75
22
ns
ns
ns
ns
Table 8.
Source drain diode
Symbol
Parameter
Test conditions
Min Typ. Max Unit
ISD
ISDM
(1)
1.
Pulse width limited by safe operating area
Source-drain current
Source-drain current (pulsed)
22
88
A
A
VSD
(2)
2.
Pulsed: Pulse duration = 300 µs, duty cycle 1.5%
Forward on voltage
ISD = 22 A, VGS = 0
1.3
V
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 22 A, di/dt = 100 A/µs
VDD = 100 V
(see Figure 23)
460
6.9
30
ns
µC
A
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 22 A, di/dt = 100 A/µs
VDD = 100 V, Tj = 150 °C
(see Figure 23)
532
8.25
31
ns
µC
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com