Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1L02XX Datasheet(PDF) 18 Page - STMicroelectronics

Part # ST1L02XX
Description  Very low quiescent BiCMOS voltage regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1L02XX Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ST1L02XX Datasheet HTML 11Page - STMicroelectronics ST1L02XX Datasheet HTML 12Page - STMicroelectronics ST1L02XX Datasheet HTML 13Page - STMicroelectronics ST1L02XX Datasheet HTML 14Page - STMicroelectronics ST1L02XX Datasheet HTML 15Page - STMicroelectronics ST1L02XX Datasheet HTML 16Page - STMicroelectronics ST1L02XX Datasheet HTML 17Page - STMicroelectronics ST1L02XX Datasheet HTML 18Page - STMicroelectronics ST1L02XX Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
Revision history
ST1L02xx
18/19
8
Revision history
Table 8.
Document revision history
Date
Revision
Changes
25-Feb-2005
1
First release.
10-Jan-2006
2
Add new order codes and tables of the electrical characteristics.
16-May-2006
3
General feature has been updated and add note 3 in table 6.
05-Jul-2006
4
Updated mechanical data DFN6 (3x3).
22-Feb-2007
5
Add note in Figure 2 and in order codes.
03-Apr-2007
6
Add order codes and mechanical data DFN6D.
05-Sep-2007
7
Add Table 1 in cover page.
12-Mar-2008
8
Removed: mechanical data DFN6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com