Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBD701G Datasheet(PDF) 2 Page - ON Semiconductor

Part # MBD701G
Description  Silicon Hot-Carrier Diodes Schottky Barrier Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBD701G Datasheet(HTML) 2 Page - ON Semiconductor

  MBD701G Datasheet HTML 1Page - ON Semiconductor MBD701G Datasheet HTML 2Page - ON Semiconductor MBD701G Datasheet HTML 3Page - ON Semiconductor MBD701G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MBD701, MMBD701LT1
http://onsemi.com
2
TYPICAL ELECTRICAL CHARACTERISTICS
Figure 1. Total Capacitance
VR, REVERSE VOLTAGE (VOLTS)
Figure 2. Minority Carrier Lifetime
IF, FORWARD CURRENT (mA)
Figure 3. Reverse Leakage
VR, REVERSE VOLTAGE (VOLTS)
Figure 4. Forward Voltage
VF, FORWARD VOLTAGE (VOLTS)
0.2
0.4
0.8
1.2
1.6
2.0
100
10
010
20
30
40
10
1.0
0.1
0.01
0.001
010
20
500
0
0
5.0
10
15
20
25
35
1.6
50
40
45
30
1.2
0.8
0.4
f = 1.0 MHz
TA = -40°C
TA = 85°C
TA = 25°C
1.0
0.1
30
40
50
60
70
80
100
90
KRAKAUER METHOD
0
2.0
50
TA = 100°C
400
300
200
100
0
TA = 25°C
TA = 75°C
SINUSOIDAL
GENERATOR
BALLAST
NETWORK
(PADS)
SAMPLING
OSCILLOSCOPE
(50
W INPUT)
PADS
CAPACITIVE
CONDUCTION
FORWARD
CONDUCTION
STORAGE
CONDUCTION
DUT
IF(PEAK)
IR(PEAK)
Figure 5. Krakauer Method of Measuring Lifetime



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com