Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1L02PUR Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST1L02PUR
Description  Very low quiescent BiCMOS voltage regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1L02PUR Datasheet(HTML) 4 Page - STMicroelectronics

  ST1L02PUR Datasheet HTML 1Page - STMicroelectronics ST1L02PUR Datasheet HTML 2Page - STMicroelectronics ST1L02PUR Datasheet HTML 3Page - STMicroelectronics ST1L02PUR Datasheet HTML 4Page - STMicroelectronics ST1L02PUR Datasheet HTML 5Page - STMicroelectronics ST1L02PUR Datasheet HTML 6Page - STMicroelectronics ST1L02PUR Datasheet HTML 7Page - STMicroelectronics ST1L02PUR Datasheet HTML 8Page - STMicroelectronics ST1L02PUR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Pin configuration
ST1L02xx
4/19
2
Pin configuration
* Only 3.3 V.
Figure 2.
Pin connections (top through view)
ST1L02PXxx
ST1L02PX *
Table 2.
Pin description
Pin n° for
ST1L02PXxx
Pin n° for
ST1L02PX
Symbol
Name and function
1, 3
1, 4, 5
N.C.
Not connected.
26
GND
Ground. The exposed metallic pad of the package is connected to
GND.
42
VO
Output voltage pin. Bypass with a 4.7 µF capacitor to GND.
5-
VO_SENSE
Sense output voltage pin. Must be connected to pin 4.
63
VI
Supply voltage input pin. Bypass with a 4.7 µF capacitor to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com