Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM802RDS6F Datasheet(PDF) 33 Page - STMicroelectronics

Part # STM802RDS6F
Description  3 V supervisor with battery switchover
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM802RDS6F Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STM802RDS6F Datasheet HTML 29Page - STMicroelectronics STM802RDS6F Datasheet HTML 30Page - STMicroelectronics STM802RDS6F Datasheet HTML 31Page - STMicroelectronics STM802RDS6F Datasheet HTML 32Page - STMicroelectronics STM802RDS6F Datasheet HTML 33Page - STMicroelectronics STM802RDS6F Datasheet HTML 34Page - STMicroelectronics STM802RDS6F Datasheet HTML 35Page - STMicroelectronics STM802RDS6F Datasheet HTML 36Page - STMicroelectronics STM802RDS6F Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
STM690, STM704, STM795, STM802, STM804, STM805, STM806
DC and AC parameters
Doc ID 10519 Rev 9
33/42
VBAT to VOUT on-resistance
100
Ω
ILI
Input leakage current (MR)
STM704/806 only;
MR = 0 V, VCC = 3 V
20
75
350
µA
Input leakage current (PFI)
0 V < VIN < VCC
–20
2
+25
nA
Input leakage current (WDI)
0 V < VIN < VCC
–1
+1
µA
ILO
Output leakage current
STM804/805/795;
0 V < VIN < VCC
(6)
–1
+1
µA
VIH
Input high voltage (MR, WDI)
VRST (max) < VCC < 5.5 V
0.7 VCC
V
VIL
Input low voltage (MR, WDI)
VRST (max) < VCC < 5.5 V
0.3 VCC
V
VOL
Output low voltage (PFO,
RST, RST, Vccsw)
VCC = VRST (max),
ISINK = 3.2 mA
0.3
V
Output low voltage (ECON)
VCC = VRST (max),
IOUT = 1.6 mA, E = 0 V
0.2 VCC
V
VOL
Output low voltage (RST)
IOL = 40 µA,
VCC = 1.0 V, VBAT = VCC,
TA = 0 °C to 85 °C
0.3
V
IOL = 200 µA,
VCC = 1.2 V, VBAT = VCC
0.3
V
VOH
Output high voltage (RST,
RST)(7)
ISOURCE = 1 mA,
VCC = VRST (max)
2.4
V
Output high voltage (ECON)
VCC = VRST (max),
IOUT = 1.6 mA, E = VCC
0.8 VCC
V
Output high voltage (PFO)
ISOURCE = 75 µA,
VCC = VRST (max)
0.8 VCC
V
VOHB
VOH battery backup (Vccsw,
RST)
ISOURCE = 100 µA,
VCC = 0 V, VBAT = 2.8 V
0.8 VBAT
V
VOH battery backup (ECON)
ISOURCE = 75 µA,
VCC = 0 V, VBAT = 2.8 V
0.8 VBAT
V
Power-fail comparator (NOT available on STM795)
VPFI
PFI input threshold
PFI falling
(VCC < 3.6 V)
STM802/
804/806
1.212
1.237
1.262
V
STM690/
704/805
1.187
1.237
1.287
V
PFI hysteresis
PFI rising (VCC < 3.6 V)
10
20
mV
tPFD
PFI to PFO propagation delay
2
µs
Table 7.
DC and AC characteristics (continued)
Sym
Alter-
native
Description
Test condition(1)
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com