Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR20100CT Datasheet(PDF) 2 Page - Wuxi NCE Power Semiconductor Co., Ltd

Part # MBR20100CT
Description  NCE MOS Barrier Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd

MBR20100CT Datasheet(HTML) 2 Page - Wuxi NCE Power Semiconductor Co., Ltd

  MBR20100CT Datasheet HTML 1Page - Wuxi NCE Power Semiconductor Co., Ltd MBR20100CT Datasheet HTML 2Page - Wuxi NCE Power Semiconductor Co., Ltd MBR20100CT Datasheet HTML 3Page - Wuxi NCE Power Semiconductor Co., Ltd MBR20100CT Datasheet HTML 4Page - Wuxi NCE Power Semiconductor Co., Ltd MBR20100CT Datasheet HTML 5Page - Wuxi NCE Power Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Wuxi NCE Power Semiconductor Co., Ltd
Page
v1.0
2
MBR20100CT
Pb-Free Product
Thermal Characteristic
Thermal Resistance,Junction-to- Case
RθJC
2
/W
℃
Electrical Characteristics (TA=25℃unless otherwise noted)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Off Characteristics
Reverse Breakdown Voltage
VR
IR=0.5mA
100
V
IF=10A, TJ=25℃
0.78
0.80
V
Forward Voltage Drop
VF (note1)
IF=10A, TJ=125℃
0.75
V
VR=100V, TJ=25℃
0.01
0.1
mA
Leakage Current
IR
VR=100V, TJ=125℃
0.5
5
mA
Notes:
1.Pulse width < 300 μs, duty cycle < 2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com