Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NISCXI-1503 Datasheet(PDF) 4 Page - National Instruments Corporation

Part # NISCXI-1503
Description  SCXI 16-Channel RTD Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NISCXI-1503 Datasheet(HTML) 4 Page - National Instruments Corporation

  NISCXI-1503 Datasheet HTML 1Page - National Instruments Corporation NISCXI-1503 Datasheet HTML 2Page - National Instruments Corporation NISCXI-1503 Datasheet HTML 3Page - National Instruments Corporation NISCXI-1503 Datasheet HTML 4Page - National Instruments Corporation NISCXI-1503 Datasheet HTML 5Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SCXI 16-Channel RTD Module
4
BUY ONLINE at ni.com or CALL 800 813 3693 (U.S.)
Power Requirements from SCXI Backplane
V+
....................................................
18.5 to 25 VDC, 170 mA
V-
....................................................
-18.5 to -25 VDC, -170 mA
+5 V ....................................................
+4.75 to 5.25 VDC, 50 mA
Environmental
Operating temperature .......................
0 to 50 °C
Storage temperature...........................
-20 to 70 °C
Humidity ..............................................
10 to 90% RH, noncondensing
Maximum altitude...............................
2,000 m
Pollution degree (indoor use only)......
2
Physical
Weight.................................................
745 g (26.3 oz)
Maximum Working Voltage
Maximum working voltage refers to the signal voltage plus the common-
mode voltage.
Signal + common mode ......................
Each input should remain within
±10 V of AI GND
Safety
This product is designed to meet the requirements of the following
standards of safety for electrical equipment for measurement, control,
and laboratory use:
• IEC 61010-1, EN-61010-1
• UL 61010-1, CSA 61010-1
Note: For UL and other safety certifications, refer to the product label or
visit ni.com/certification, search by model number or product line, and
click the appropriate link in the Certification column.
Electromagnetic Compatibility
This product is designed to meet the requirements of the following
standards of EMC for electrical equipment for measurement, control, and
laboratory use:
• EN 61326 EMC requirements; Minimum Immunity
• EN 55011 Emissions; Group 1, Class A
• CE, C-Tick, ICES, and FCC Part 15 Emissions; Class A
Note: For EMC compliance, operate this device according to
product documentation.
CE Compliance
This product meets the essential requirements of applicable European
Directives, as amended for CE marking, as follows:
• 2006/95/EC; Low-Voltage Directive (safety)
• 2004/108/EC; Electromagnetic Compatibility Directive (EMC)
Note: Refer to the Declaration of Conformity (DoC) for this product for
any additional regulatory compliance information. To obtain the DoC for
this product, visit ni.com/certification, search by model number or
product line, and click the appropriate link in the Certification column.
Waste Electrical and Electronic Equipment (WEEE)
EU Customers: At the end of their life cycle, all products must be
sent to a WEEE recycling center. For more information about WEEE
recycling centers and National Instruments WEEE initiatives, visit
ni.com/environment/weee.htm.
18.8 cm
(7.4 in.)
17.2 cm
(6.8 in.)
3.0 cm
(1.2 in.)
Figure 2. SCXI-1503 Dimensions



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com