Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NISCXI-1306 Datasheet(PDF) 3 Page - National Instruments Corporation

Part # NISCXI-1306
Description  SCXI 16-Channel RTD Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NISCXI-1306 Datasheet(HTML) 3 Page - National Instruments Corporation

  NISCXI-1306 Datasheet HTML 1Page - National Instruments Corporation NISCXI-1306 Datasheet HTML 2Page - National Instruments Corporation NISCXI-1306 Datasheet HTML 3Page - National Instruments Corporation NISCXI-1306 Datasheet HTML 4Page - National Instruments Corporation NISCXI-1306 Datasheet HTML 5Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SCXI 16-Channel RTD Module
3
BUY ONLINE at ni.com or CALL 800 813 3693 (U.S.)
Specifications
>>
For complete specifications, see the
NI SCXI-1503 Specifications
manual at ni.com/manuals.
Specifications are typical at 25 °C unless otherwise noted. Specifications
do not include transducer error.
Input Characteristics
Number of channels............................
16 differential
Input coupling .....................................
DC
Input signal ranges .............................
±100 mV (gain = 100) or
±10 V (gain = 1)
Input overvoltage protection
Powered on.....................................
±42 VDC
Powered off ....................................
±25 V
Inputs protected..............................
AI<0..15>
CJ sensor input protection .............
±15 VDC powered on or off
Transfer Characteristics
Nonlinearity.........................................
0.005% FSR
Input offset error (RTI)
Gain = 1
Calibrated1..................................
±650
μV max
±250
μV typ
With autozero enabled2 .............
±300
μV max
±150
μV typ
Gain = 100
Calibrated1..................................
±25
μV max
±10
μV typ
With autozero enabled2 .............
±10
μV max
±5
μV typ
Gain error (relative to calibration reference)
Gain = 1 or 100
Calibrated1 ..........................................
0.074% of reading max
0.02% of reading typ
1
Assumes 1,000 point average, 25 °C ±10 °C over one year.
2
Assumes 1,000 point average, ±1 °C of autozero temperature.
RTD Measurement Accuracy
Notes: The accuracies in this table reflect using the module in 4-wire
mode. They do not include errors from the RTD such as lead-wire errors
when using 2- or 3-wire connections. The accuracies assume autozero
is enabled and the environmental conditions are 25 °C ±10 °C over a
one-year period.
These accuracies were computed using a standard RTD with a TCR
of 3851.
Amplifier Characteristics
Input coupling .....................................
DC
Input impedance
Normal powered on........................
>1 G
Ω
Input bias current................................
±2.8 nA
CMRR characteristics (DC to 60 Hz)
Gain 1..............................................
-75 dB min
-90 dB typ
Gain 100..........................................
-106 dB min
-110 dB typ
Output range .......................................
±10 V
Output impedance...............................
91
Ω
Dynamic Characteristics
Minimum scan interval (per channel, any gain)
±0.012% accuracy ..........................
3
μs
±0.0061% accuracy ........................
10
μs
±0.0015% accuracy ........................
20
μs
Noise characteristics (RTI)
Gain = 1
10 Hz to 1 MHz...........................
100
μVrms
Gain = 100
10 Hz to 1 MHz...........................
1
μVrms
0.1 to 10 Hz ................................
0.5
μVpp
Filter
Cutoff frequency (-3 dB)......................
5 Hz
NMR (60 Hz)........................................
-40 dB min
Step response characteristics (gain 1 or 100)
To 0.0015%.....................................
0.6 s
Stability
Recommended warm-up time.............
20 min
Offset temperature coefficient
Gain = 1 ..........................................
±35
μV/°C max
±10
μV/°C typ
Gain = 100 ......................................
±1.5
μV/°C max
±0.5
μV/°C typ
Gain temperature coefficient
(gain 1 or 100).................................
±15 ppm/°C max
±5 ppm/°C typ
Excitation
Channels..............................................
16 single-ended outputs
Current output .....................................
100
μA
Accuracy..............................................
±0.05%
Temperature drift ................................
±5 ppm/°C
Output voltage compliance.................
10 V
Maximum resistive load .....................
100 k
Ω
Overvoltage protection .......................
±40 VDC
Measurement Category ......................
CAT I
Measured
Temperature °C
100 W Max °C
100 W Typ °C
1000 W Max °C
1000 W Typ °C
-100 to 0
0.60
0.23
1.09
0.46
0 to 25
0.62
0.23
1.11
0.47
25 to 100
0.69
0.25
1.20
0.49
100 to 500
1.11
0.37
1.68
0.65
500 to 1200
2.06
0.65
2.81
1.04



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com