Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM6718 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STM6718
Description  Dual/triple ultra-low voltage supervisors with push-button reset (with delay option)
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6718 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STM6718 Datasheet HTML 7Page - STMicroelectronics STM6718 Datasheet HTML 8Page - STMicroelectronics STM6718 Datasheet HTML 9Page - STMicroelectronics STM6718 Datasheet HTML 10Page - STMicroelectronics STM6718 Datasheet HTML 11Page - STMicroelectronics STM6718 Datasheet HTML 12Page - STMicroelectronics STM6718 Datasheet HTML 13Page - STMicroelectronics STM6718 Datasheet HTML 14Page - STMicroelectronics STM6718 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
STM6717/6718/6719/6720/STM6777/6778/6779/6780
Typical operating characteristics
Doc ID 11469 Rev 7
11/30
3
Typical operating characteristics
Note:
Typical values are at TA = 25 °C unless otherwise noted.
Figure 13.
Supply current vs. temperature (VCC1 = 5.5 V; VCC2 = 3.6 V)
Figure 14.
Supply current vs. temperature (VCC1 = 3.6 V; VCC2 = 2.75 V)
ICC1
ICC2
ITOTAL
0
2
4
6
8
10
12
14
16
18
–40
–20
0
20
40
60
80
Temperature (
°C)
AI11843
ICC1
ICC2
ITOTAL
0
2
4
6
8
10
12
14
16
18
–40
–20
0
20
40
60
80
Temperature (
°C)
AI11844



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com