Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSD42SWT1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # MSD42SWT1G
Description  NPN Silicon General Purpose High Voltage Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MSD42SWT1G Datasheet(HTML) 1 Page - ON Semiconductor

  MSD42SWT1G Datasheet HTML 1Page - ON Semiconductor MSD42SWT1G Datasheet HTML 2Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 Semiconductor Components Industries, LLC, 2010
October, 2010 -- Rev. 2
1
Publication Order Number:
MSD42SWT1/D
MSD42SWT1G
NPN Silicon General
Purpose High Voltage
Transistor
This NPN Silicon Planar Transistor is designed for general purpose
amplifier applications. This device is housed in the SC-70/SOT-323
package which is designed for low power surface mount applications.
Features
These Devices are Pb--Free, Halogen Free/BFR Free and are RoHS
Compliant
MAXIMUM RATINGS (TA =25C)
Rating
Symbol
Value
Unit
Collector-Base Voltage
V(BR)CBO
300
Vdc
Collector-Emitter Voltage
V(BR)CEO
300
Vdc
Emitter-Base Voltage
V(BR)EBO
6.0
Vdc
Collector Current -- Continuous
IC
150
mAdc
THERMAL CHARACTERISTICS
Rating
Symbol
Max
Unit
Power Dissipation (Note 1)
PD
150
mW
Junction Temperature
TJ
150
C
Storage Temperature Range
Tstg
-- 55 to +150
C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
Min
Max
Unit
Collector-Emitter Breakdown Voltage
(IC =1.0 mAdc,IB =0)
V(BR)CEO 300
--
Vdc
Collector-Base Breakdown Voltage
(IC = 100 mAdc, IE =0)
V(BR)CBO 300
--
Vdc
Emitter-Base Breakdown Voltage
(IE = 100 mAdc, IE =0)
V(BR)EBO
6.0
--
Vdc
Collector-Base Cutoff Current
(VCB = 300 Vdc, IE =0)
ICBO
--
0.1
mA
Emitter--Base Cutoff Current
(VEB =6.0 Vdc, IB =0)
IEBO
--
0.1
mA
DC Current Gain (Note 2)
(VCE =10Vdc,IC =1.0 mAdc)
(VCE =10Vdc,IC =30mAdc)
hFE1
hFE2
25
40
200
--
--
Collector-Emitter Saturation Voltage
(Note 2) (IC = 200 mAdc,
IB =2.0 mAdc)
VCE(sat)
--
0.5
Vdc
1. Device mounted on a FR-4 glass epoxy printed circuit board using the minimum
recommended footprint.
2. Pulse Test: Pulse Width  300 ms, D.C.  2%.
SC--70 (SOT--323)
CASE 419
STYLE 3
MARKING DIAGRAM
3
1
2
Device
Package
Shipping†
ORDERING INFORMATION
D4
= Device Code
M
= Date Code*
G
= Pb--Free Package
COLLECTOR
3
1
BASE
2
EMITTER
http://onsemi.com
MSD42SWT1G SC--70/SOT--323
(Pb--Free)
3000/Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
D4 M G
G
1
(Note: Microdot may be in either location)
*Date Code orientation may vary depending
upon manufacturing location.


Similar Part No. - MSD42SWT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MSD42SWT1G ONSEMI-MSD42SWT1G Datasheet
42Kb / 2P
NPN Silicon General Purpose High Voltage Transistor
January, 2006 ??Rev. 1
More results

Similar Description - MSD42SWT1G

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
BC847A ZOWIE-BC847A Datasheet
79Kb / 4P
GENERAL PURPOSE TRANSISTOR NPN SILICON
BC849B ZOWIE-BC849B Datasheet
78Kb / 4P
GENERAL PURPOSE TRANSISTOR NPN SILICON
MMBT3906 ZOWIE-MMBT3906 Datasheet
107Kb / 5P
GENERAL PURPOSE TRANSISTOR NPN SILICON
logo
AUK corp
2N5551 AUK-2N5551 Datasheet
199Kb / 3P
NPN Silicon Transistor (General purpose amplifier High voltage application)
logo
Weitron Technology
MMBT3904W WEITRON-MMBT3904W Datasheet
368Kb / 7P
General Purpose Transistor NPN Silicon
logo
ON Semiconductor
MSD42SWT1 ONSEMI-MSD42SWT1 Datasheet
42Kb / 2P
NPN Silicon General Purpose High Voltage Transistor
January, 2006 ??Rev. 1
logo
SeCoS Halbleitertechnol...
2SC1213 SECOS-2SC1213 Datasheet
77Kb / 2P
NPN Silicon General Purpose Transistor
logo
Zowie Technology Corpor...
MMBT2222AGH ZOWIE-MMBT2222AGH Datasheet
84Kb / 5P
General Purpose Transistor NPN Silicon
logo
SeCoS Halbleitertechnol...
2SC4618 SECOS-2SC4618_11 Datasheet
456Kb / 2P
NPN Silicon General Purpose Transistor
logo
AiT Semiconductor Inc.
MMBTA42L AITSEMI-MMBTA42L Datasheet
552Kb / 6P
GENERAL PURPOSE TRANSISTOR HIGH VOLTAGE NPN TRANSISTOR
REV1.1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com