Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSB92ASWT1G Datasheet(PDF) 2 Page - ON Semiconductor

Part # MSB92ASWT1G
Description  PNP Silicon General Purpose High Voltage Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MSB92ASWT1G Datasheet(HTML) 2 Page - ON Semiconductor

  MSB92ASWT1G Datasheet HTML 1Page - ON Semiconductor MSB92ASWT1G Datasheet HTML 2Page - ON Semiconductor MSB92ASWT1G Datasheet HTML 3Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MSB92ASWT1G, MSB92AS1WT1G
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
Min
Max
Unit
Collector-Emitter Breakdown Voltage
(IC = −1.0 mAdc, IB = 0)
V(BR)CEO
−300
−
Vdc
Collector-Base Breakdown Voltage
(IC = −100 mAdc, IE = 0)
V(BR)CBO
−300
−
Vdc
Emitter-Base Breakdown Voltage
(IE = −100 mAdc, IE = 0)
V(BR)EBO
−5.0
−
Vdc
Collector-Base Cutoff Current
(VCB = 300 Vdc, IE = 0)
ICBO
−
−0.25
mA
Emitter−Base Cutoff Current
(VEB = −3.0 Vdc, IB = 0)
IEBO
−
−0.1
mA
DC Current Gain (Note 2)
(VCE = −10 Vdc, IC = −1.0 mAdc)
(VCE = −10 Vdc, IC = −10 mAdc)
(VCE = −10 Vdc, IC = −30 mAdc)
hFE1
hFE2
hFE3
120
40
25
200
−
−
−
Collector-Emitter Saturation Voltage (Note 2)
(IC = −20 mAdc, IB = −2.0 mAdc)
VCE(sat)
−
−0.5
Vdc
Base−Emitter Saturation Voltage
(IC = −20 mAdc, IB = −2.0 mAdc)
VBE(sat)
−
−0.9
Vdc
SMALL SIGNAL CHARACTERISTICS
Current−Gain − Bandwidth Product
(IC = −10 mAdc, VCE = −20 Vdc, f = 20 MHz)
fT
50
−
MHz
Collector−Base Capacitance
(VCB = −20 Vdc, IE = 0, f = 1.0 MHz)
Ccb
−
6.0
pF
2. Pulse Test: Pulse Width ≤ 300 ms, D.C. ≤ 2%.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com