Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATR0625P Datasheet(PDF) 21 Page - ATMEL Corporation

Part # ATR0625P
Description  GPS Baseband Processor SuperSense
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0625P Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button ATR0625P Datasheet HTML 17Page - ATMEL Corporation ATR0625P Datasheet HTML 18Page - ATMEL Corporation ATR0625P Datasheet HTML 19Page - ATMEL Corporation ATR0625P Datasheet HTML 20Page - ATMEL Corporation ATR0625P Datasheet HTML 21Page - ATMEL Corporation ATR0625P Datasheet HTML 22Page - ATMEL Corporation ATR0625P Datasheet HTML 23Page - ATMEL Corporation ATR0625P Datasheet HTML 24Page - ATMEL Corporation ATR0625P Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
21
4925G–GPS–06/08
ATR0625P
8.
Electrical Characteristics
If no additional information is given in column Test Conditions, the values apply to a temperature range from –40°C to +85°C.
No. Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
1.1
DC supply voltage core
VDD18
VDD18
1.65
1.8
1.95
V
D
1.2
DC supply voltage VDDIO
domain(1)
VDDIO
VDDIO
1.65
1.8/3.3
3.6
V
D
1.3
DC supply voltage USB(2)
VDD_USB
VDDUSB
3.0
3.3
3.6
V
D
1.4
DC supply voltage backup
domain(3)
VBAT18
VBAT18
1.65
1.8
1.95
V
D
1.5
DC output voltage VDD18
V
O,18
0
VDD18
V
D
1.6
DC output voltage VDDIO
V
O,IO
0
VDDIO
V
D
1.7
Low-level input voltage
VDD18 domain
VDD18 = 1.65V to 1.95V
VIL,18
–0.3
0.3
×
VDD18
VC
1.8
High-level input voltage
VDD18 domain
VDD18 = 1.65V to 1.95V
V
IH,18
0.7
×
VDD18
VDD18 +
0.3
VC
1.9
Schmitt trigger threshold
rising
VDD18 = 1.65V to 1.95V
CLK23
V
th+,CLK23
0.7
×
VDD18
VC
1.10
Schmitt trigger threshold
falling
VDD18 = 1.65V to 1.95V
CLK23
Vth-,CLK23
0.3
×
VDD18
VC
1.11 Schmitt trigger hysteresis
VDD18 = 1.65V to 1.95V
CLK23
V
hyst,CLK23
0.2
0.55
V
C
1.12
Schmitt trigger threshold
rising
VDD18 = 1.65V to 1.95V
NRESET
V
th+,NRESET
0.8
1.3
V
C
1.13
Schmitt trigger threshold
falling
VDD18 = 1.65V to 1.95V
NRESET
V
th-,NRESET
0.46
0.77
V
C
1.14
Low-level input voltage
VDDIO domain
VDDIO = 1.65V to 3.6V
VIL,IO
–0.3
+0.41
V
C
1.15
High-level input voltage
VDDIO domain
VDDIO = 1.65V to 3.6V
V
IH,IO
1.46
5.0
V
C
1.16
Low-level input voltage
VBAT18 domain
VBAT18 = 1.65V to 1.95V
P9, P13,
P22, P31
VIL,BAT
–0.3
+0.41
V
C
1.17
High-level input voltage
VBAT18 domain
VBAT18 = 1.65V to 1.95V
P9, P13,
P22, P31
VIH,BAT
1.46
5.0
V
C
1.18
Low-level input voltage
USB
VDD_USB = 3.0V to 3.6V,
39
Ω source resistance +
27
Ω external series resistor
DP, DM
VIL,USB
–0.3
+0.8
V
C
1.19
High-level input voltage
USB
VDD_USB = 3.0V to 3.6V
DP, DM
VIH,USB
2.0
4.6
V
C
1.20
Low-level output voltage
VDD18 domain
IOL = 1.5 mA, VDD18 =
1.65V
V
OL,18
0.4
V
A
1.21
High-level output voltage
VDD18 domain
IOH = –1.5 mA,
VDD18 = 1.65V
VOH,18
VDD18
– 0.45
VA
1.22
Low-level output voltage
VDDIO domain
I
OL = 1.5 mA, VDDIO =
3.0V
VOL,IO
0.4
V
A
Notes:
1. VDDIO is the supply voltage for the following GPIO pins: P1, P2, P8, P12, P14, P16, P17, P18, P19, P20, P21, P23, P24,
P25, P26, P27 and P29
2. Values defined for operating the USB interface. Otherwise VDD_USB may be connected to ground
3. Supply voltage VBAT18 for backup domain is generated internally by the LDOBAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com