Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3934AE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3934AE
Description  10.7Gbps Compact Laser Diode Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3934AE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3934AE Datasheet HTML 1Page - Maxim Integrated Products MAX3934AE Datasheet HTML 2Page - Maxim Integrated Products MAX3934AE Datasheet HTML 3Page - Maxim Integrated Products MAX3934AE Datasheet HTML 4Page - Maxim Integrated Products MAX3934AE Datasheet HTML 5Page - Maxim Integrated Products MAX3934AE Datasheet HTML 6Page - Maxim Integrated Products MAX3934AE Datasheet HTML 7Page - Maxim Integrated Products MAX3934AE Datasheet HTML 8Page - Maxim Integrated Products MAX3934AE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
_______________________________________________________________________________________
10.7Gbps Compact Laser Diode Driver
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC - VEE = 4.75V to 5.5V, TA = -40°C to +85°C. Typical values are at VCC - VEE = 5V, IBIAS = 35mA, IMOD = 65mA, and
TA = +25°C, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage (VCC - VEE) ...................................-0.5V to +6.0V
Voltage at IN+, IN- ..........................(VCC - 1.2V) to (VCC + 0.5V)
PLRT, BIASMON, MODMON ...........(VEE - 0.5V) to (VCC + 0.5V)
BIASSET ...........................................(VEE - 0.5V) to (VEE + 2.6V)
MODSET ...........................................(VEE - 0.5V) to (VEE + 1.4V)
Current into IN+, IN-.......................................-24mA to +30.5mA
Current into OUT1+, OUT2+,OUT1-, OUT2-....-20mA to +200mA
Current into BIAS ............................................-20mA to +100mA
Storage Temperature Range .............................-55°C to +150°C
Operating Junction Temperature Range ...........-55°C to +150°C
Processing Temperature (die) .........................................+400°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Power-Supply Voltage
VCC - VEE
4.75
5
5.50
V
Power-Supply Current
ICC
Excluding IMOD and IBIAS,
data inputs AC-coupled
73
110
mA
Power-Supply Noise Rejection
PSNR
(Notes 1, 2)
20
dB
SIGNAL INPUT
Input Data Rates
NRZ
10.7
Gbps
Single-Ended Input Resistance
To VCC
42.5
50
58.5
Ω
f < 10GHz
14
Single-Ended Input Return Loss
(Note 1)
10GHz
≤ f ≤ 15GHz
8
dB
Single-Ended Input Voltage
(DC-Coupled)
VIS
Figure 2a
VCC - 1
VCC
V
Single-Ended Input Voltage
(AC-Coupled)
VIS
Figure 2b
VCC -
0.4
VCC +
0.4
V
Differential Input Voltage
(DC-Coupled)
VID
Figure 4
0.2
2.0
VP-P
Differential Input Voltage
(AC-Coupled)
VID
Figure 4
0.2
1.6
VP-P
LASER BIAS
Bias Current-Setting Range
IBIAS
(Note 3)
1
60
mA
Bias Sensing Resistor
RBIAS
5.4
6
6.6
Ω
Bias Current Temperature
Stability
(Note 1)
-480
+480
ppm/°C
IBIAS
≥ 10mA, VBIAS < VCC - 1.2V
-10
+10
Bias Current-Setting Error
(Note 3)
IBIAS = 1mA, VBIAS < VCC - 1.2V
-20
+20
%
Bias Off-Current
BIASSET
≤ VEE + 0.4V
0.1
mA
LASER MODULATION
Modulation Current-Setting Range
IMOD
(Note 5)
20
80
mA
Modulation Sensing Resistor
RMOD
2.7
3
3.3
Ω
Modulation Current Temperature
Stability
(Note 1)
-480
+480
ppm/°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com