Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3610AD Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3610AD
Description  Low-Jitter 106.25MHz/212.5MHz Fibre-Channel Clock Generator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3610AD Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3610AD Datasheet HTML 1Page - Maxim Integrated Products MAX3610AD Datasheet HTML 2Page - Maxim Integrated Products MAX3610AD Datasheet HTML 3Page - Maxim Integrated Products MAX3610AD Datasheet HTML 4Page - Maxim Integrated Products MAX3610AD Datasheet HTML 5Page - Maxim Integrated Products MAX3610AD Datasheet HTML 6Page - Maxim Integrated Products MAX3610AD Datasheet HTML 7Page - Maxim Integrated Products MAX3610AD Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Low-Jitter 106.25MHz/212.5MHz Fibre-Channel
Clock Generator
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +3.0V to +3.6V, TA = 0°C to +85°C. Typical values are at VCC = +3.3V and TA = +25°C, unless otherwise noted.) (Note 1 )
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage ......................................................-0.5V to +5.0V
Voltage at FREQSET, OE............................-0.5V to (VCC + 0.5V)
Voltage at X1 .........................................................-0.5V to +0.8V
Voltage at X2 .....................................................................0 to 2V
PECL Output Current ..........................................................56mA
LVDS Output Voltage .................................-0.5V to (VCC + 0.5V)
Operating Temperature Range...............................0°C to +85°C
Storage Temperature Range .............................-65°C to +160°C
Processing Temperature..................................................+400°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
LVPECL
50
65
Supply Current
ICC
(Note 2)
LVDS
53
67
mA
LVPECL OUTPUT SPECIFICATIONS (Note 3)
Output High Voltage
VOH
0°C to +85°C
VCC -
1.025
VCC -
0.88
V
Output Low Voltage
VOL
0°C to +85°C
VCC -
1.81
VCC -
1.62
V
LVDS OUTPUT SPECIFICATIONS (Figure 1)
LVDS Output High Voltage
VOH
1.475
V
LVDS Output Low Voltage
VOL
0.925
V
LVDS Differential Output Voltage
|VOD|
250
400
mV
LVDS Change in Magnitude of
Differential Output for
Complementary States
∆|VOD|
25
mV
LVDS Offset Output Voltage
(Output Common-Mode Voltage)
VOS
1.125
1.275
V
LVDS Change in Magnitude of
Output Offset Voltage for
Complementary States
∆|VOS|
25
mV
LVDS Differential Output
Impedance
80
100
140
Ω
LVDS Output Current
Outputs shorted together
12
mA
CONTROL INPUT SPECIFICATIONS (FREQSET, OE)
TTL Control Input-Voltage High
VIH
2V
TTL Control Input-Voltage Low
VIL
0.8
V
Input Current (Input High)
IIH
-10
+10
µA
Input Current (Input Low)
IIL
-50
+10
µA
CLOCK OUTPUT SPECIFICATIONS
FREQSET = TTL High, VCC, or NC
106.25
Clock Output Frequency
FREQSET = TTL Low or GND
212.5
MHz
Crystal Oscillation Circuit Input
Capacitance
12
pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com