Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD57018STR-E Datasheet(PDF) 1 Page - STMicroelectronics

Part # PD57018STR-E
Description  RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD57018STR-E Datasheet(HTML) 1 Page - STMicroelectronics

  PD57018STR-E Datasheet HTML 1Page - STMicroelectronics PD57018STR-E Datasheet HTML 2Page - STMicroelectronics PD57018STR-E Datasheet HTML 3Page - STMicroelectronics PD57018STR-E Datasheet HTML 4Page - STMicroelectronics PD57018STR-E Datasheet HTML 5Page - STMicroelectronics PD57018STR-E Datasheet HTML 6Page - STMicroelectronics PD57018STR-E Datasheet HTML 7Page - STMicroelectronics PD57018STR-E Datasheet HTML 8Page - STMicroelectronics PD57018STR-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
May 2010
Doc ID 12214 Rev 4
1/25
25
PD57018-E
PD57018S-E
RF POWER transistor, LdmoST plastic family
N-channel enhancement-mode, lateral MOSFETs
Features
■ Excellent thermal stability
■ Common source configuration
■ POUT = 18 W with 16.5dB gain@945 MHz/28 V
■ New RF plastic package
Description
The device is a common source N-channel,
enhancement-mode lateral field-effect RF power
transistor. It is designed for high gain, broad band
commercial and industrial applications. It operates
at 28 V in common source mode at frequencies of
up to 1 GHz. The device boasts the excellent
gain, linearity and reliability of ST’s latest LDMOS
technology mounted in the first true SMD plastic
RF power package, PowerSO-10RF. Device’s
superior linearity performance makes it an ideal
solution for base station applications. The
PowerSO-10 plastic package, designed to offer
high reliability, is the first ST JEDEC approved,
high power SMD package. It has been specially
optimized for RF needs and offers excellent RF
performance and ease of assembly. Mounting
recommendations are available in www.st.com/rf/
(look for application note AN1294).
Figure 1.
Pin connection
PowerSO-10RF
(formed lead)
PowerSO-10RF
(straight lead)
Gate
Source
Drain
Table 1.
Device summary
Order code
Package
Packing
PD57018-E
PowerSO-10RF (formed lead)
Tube
PD57018S-E
PowerSO-10RF (straight lead)
Tube
PD57018TR-E
PowerSO-10RF (formed lead)
Tape and reel
PD57018STR-E
PowerSO-10RF (straight lead)
Tape and reel
www.st.com


Similar Part No. - PD57018STR-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PD57018STR-E STMICROELECTRONICS-PD57018STR-E Datasheet
560Kb / 28P
RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
01-Aug-2007
More results

Similar Description - PD57018STR-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PD55025-E STMICROELECTRONICS-PD55025-E Datasheet
493Kb / 22P
RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
29-Apr-2006
PD57018-E STMICROELECTRONICS-PD57018-E Datasheet
560Kb / 28P
RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
01-Aug-2007
PD85035-E STMICROELECTRONICS-PD85035-E Datasheet
376Kb / 15P
RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
16-May-2007
PD85015-E STMICROELECTRONICS-PD85015-E Datasheet
251Kb / 13P
RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
06-Jul-2009
PD57006-E STMICROELECTRONICS-PD57006-E_10 Datasheet
512Kb / 22P
RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
25-May-2010
PD55008L-E STMICROELECTRONICS-PD55008L-E Datasheet
202Kb / 15P
RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
16-Jan-2007
PD20010TR-E STMICROELECTRONICS-PD20010TR-E Datasheet
240Kb / 13P
RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
STAP85025S STMICROELECTRONICS-STAP85025S Datasheet
189Kb / 13P
RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
01-Dec-2015
STAP57045 STMICROELECTRONICS-STAP57045 Datasheet
366Kb / 17P
RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
26-Mar-2009
STAP85025 STMICROELECTRONICS-STAP85025 Datasheet
151Kb / 12P
RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
02-Jul-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com