Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD953F2V-12MT Datasheet(PDF) 9 Page - STMicroelectronics

Part # PSD953F2V-12MT
Description  Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 3.3 V
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD953F2V-12MT Datasheet(HTML) 9 Page - STMicroelectronics

Back Button PSD953F2V-12MT Datasheet HTML 5Page - STMicroelectronics PSD953F2V-12MT Datasheet HTML 6Page - STMicroelectronics PSD953F2V-12MT Datasheet HTML 7Page - STMicroelectronics PSD953F2V-12MT Datasheet HTML 8Page - STMicroelectronics PSD953F2V-12MT Datasheet HTML 9Page - STMicroelectronics PSD953F2V-12MT Datasheet HTML 10Page - STMicroelectronics PSD953F2V-12MT Datasheet HTML 11Page - STMicroelectronics PSD953F2V-12MT Datasheet HTML 12Page - STMicroelectronics PSD953F2V-12MT Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 109 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
9/109
PSD813F2V, PSD854F2V
Doc ID 10552 Rev 3
Figure 4. TQFP64 Connections
48 CNTL0
47 AD15
46 AD14
45 AD13
44 AD12
43 AD11
42 AD10
41 AD9
40 AD8
39 VCC
38 VCC
37 AD7
36 AD6
35 AD5
34 AD4
33 AD3
PD2
PD1
PD0
PC7
PC6
PC5
PC4
VCC
VCC
GND
GND
PC3
PC2
PC1
PC0
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
AI09645b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com