Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD55008STR-E Datasheet(PDF) 11 Page - STMicroelectronics

Part # PD55008STR-E
Description  RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD55008STR-E Datasheet(HTML) 11 Page - STMicroelectronics

Back Button PD55008STR-E Datasheet HTML 7Page - STMicroelectronics PD55008STR-E Datasheet HTML 8Page - STMicroelectronics PD55008STR-E Datasheet HTML 9Page - STMicroelectronics PD55008STR-E Datasheet HTML 10Page - STMicroelectronics PD55008STR-E Datasheet HTML 11Page - STMicroelectronics PD55008STR-E Datasheet HTML 12Page - STMicroelectronics PD55008STR-E Datasheet HTML 13Page - STMicroelectronics PD55008STR-E Datasheet HTML 14Page - STMicroelectronics PD55008STR-E Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
PD55008-E, PD55008S-E
Test circuit
Doc ID 12259 Rev 2
11/25
5
Test circuit
Figure 26.
Test circuit schematic
Table 9.
Test circuit component part list
Component
Description
B1, B2
Short ferrite bead, fair rite products (2743021446)
C1, C12
240 pF, 100 mil chip capacitor
C2,C3,C10,C11
0 TO 20 pF, trimmer capacitor
C4
82 pF, 100 mil chip capacitor
C5,C16
120 pF, 100 mil chip capacitor
C6,C13
10 µF, 50 V electrolytic capacitor
C7, C14
1.200 pF, 100 mil chip capacitor
C8,C15
0.1 F, 100 mil chip capacitor
C9
30 pF, 100 mil chip capacitor
L1
55.5 nH, turn, Coilcraft
N1, N2
Type N flange mount
R1
15
Ω, 0805 chip resistor
R2
51
Ω, 1/2 W resistor
R3
10
Ω, 0805 chip resistor
R4
33 k
Ω, 1/8 Ω resistor
Z1
0.451” X 0.080” microstrip
Z2
1.005” X 0.080” microstrip
Z3
0.020” X 0.080” microstrip
Z4
0.155” X 0.080” microstrip
Z5,Z6
0.260” X 0.233” microstrip
Z7
0.065” X 0.080” microstrip



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com