Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD55003-E Datasheet(PDF) 11 Page - STMicroelectronics

Part # PD55003-E
Description  RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD55003-E Datasheet(HTML) 11 Page - STMicroelectronics

Back Button PD55003-E Datasheet HTML 7Page - STMicroelectronics PD55003-E Datasheet HTML 8Page - STMicroelectronics PD55003-E Datasheet HTML 9Page - STMicroelectronics PD55003-E Datasheet HTML 10Page - STMicroelectronics PD55003-E Datasheet HTML 11Page - STMicroelectronics PD55003-E Datasheet HTML 12Page - STMicroelectronics PD55003-E Datasheet HTML 13Page - STMicroelectronics PD55003-E Datasheet HTML 14Page - STMicroelectronics PD55003-E Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
PD55003-E, PD55003S-E
Typical performance
Doc ID 12273 Rev 3
11/29
Figure 22.
Output power vs bias current
Figure 23.
Drain efficiency vs bias current
0
100
200
300
400
500
600
IDQ, BIAS CURRENT (mA)
2.6
2.8
3
3.2
3.4
3.6
3.8
4
Vdd = 12.5 V
Pin=17.7 dBm
Tune for Po=3 W
520 MHz
500 MHz
480 MHz
0
100
200
300
400
500
600
IDQ,BIAS CURRENT (mA)
10
20
30
40
50
60
Vdd = 12.5 V
Pin=17.7 dBm
Tune for Po=3 W
520 MHz
500 MHz
480 MHz
Figure 24.
Output power vs supply voltage
Figure 25.
Drain efficiency vs supply voltage
8
9
10
11
12
13
14
15
VDD, SUPPLY VOLTAGE (V)
1.5
2
2.5
3
3.5
Idq=50 mA
Pin=17.7 dBm
Tune for Po=3 W
520 MHz
500 MHz
480 MHz
8
9
10
11
12
13
14
15
VDD, SUPPLY VOLTAGE (V)
0
10
20
30
40
50
60
Idq=50 mA
Pin=17.7 dBm
Tune for Po=3 W
520 MHz
500 MHz
480 MHz
Figure 26.
Output power vs gate voltage
0
1
2345
VGS, GATE-SOURCE VOLTAGE (V)
0
1
2
3
4
5
Vdd=12.5V
Pin=17.7 dBm
Tune for Po=3 W
520 MHz
500 MHz
480 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com