Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72325AR9B3 Datasheet(PDF) 13 Page - STMicroelectronics

Part # ST72325AR9B3
Description  8-bit MCU with 16 to 60K Flash/ROM, ADC, CSS, 5 timers, SPI, SCI, I2C interface
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72325AR9B3 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST72325AR9B3 Datasheet HTML 9Page - STMicroelectronics ST72325AR9B3 Datasheet HTML 10Page - STMicroelectronics ST72325AR9B3 Datasheet HTML 11Page - STMicroelectronics ST72325AR9B3 Datasheet HTML 12Page - STMicroelectronics ST72325AR9B3 Datasheet HTML 13Page - STMicroelectronics ST72325AR9B3 Datasheet HTML 14Page - STMicroelectronics ST72325AR9B3 Datasheet HTML 15Page - STMicroelectronics ST72325AR9B3 Datasheet HTML 16Page - STMicroelectronics ST72325AR9B3 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 197 page
background image
ST72325xx
13/197
17
13
13
11
6
PD4/AIN4
I/O CT
X
X
X
X
X
Port D4
ADC Analog Input 4
18
14
14
12
7
PD5/AIN5
I/O CT
X
X
X
X
X
Port D5
ADC Analog Input 5
19
-4)
-
-
-
PD6/AIN6
I/O CT
X
X
X
X
X
Port D6
ADC Analog Input 6
20
-4)
-
-
-
PD7/AIN7
I/O CT
X
X
X
X
X
Port D7
ADC Analog Input 7
21
15
15
13
8
VAREF
6)
I
Analog Reference Voltage for
ADC
22
16
16
14
9
VSSA
6)
S
Analog Ground Voltage
23
--
--
VDD_3
6)
S
Digital Main Supply Voltage
24
--
--
VSS_3
6)
S
Digital Ground Voltage
25
17
17
15
10
PF0/MCO/AIN8
I/O CT
X
ei1
X
X
X
Port F0
Main clock
out (fOSC/2)
ADC Ana-
log
Input 8
26
18
18
16
11
PF1 (HS)/BEEP
I/O CT HS X
ei1
X
X
Port F1
Beep signal output
27
19
19
17
12
PF2 (HS)
I/O CT HS X
ei1
X
X
Port F2
28
-4)
--
-
PF3/OCMP2_A/
AIN9
I/O CT
X
XX
X
X
Port F3
Timer A
Output
Compare 2
ADC Ana-
log
Input 9
29
20
20
18
13
PF4/OCMP1_A/
AIN10
I/O CT
X
XX
X
X
Port F4
Timer A
Output
Compare 1
ADC Ana-
log
Input 10
30
-4)
--
-
PF5/ICAP2_A/
AIN11
I/O CT
X
XX
X
X
Port F5
Timer A In-
put Cap-
ture 2
ADC Ana-
log
Input 11
31
21
21
19
14
PF6 (HS)/ICAP1_A
I/O CT HS X X
X
X
Port F6
Timer A Input Capture 1
32
22
22
20
15
PF7 (HS)/
EXTCLK_A
I/O CT HS X XX
X
Port F7
Timer A External Clock
Source
33
23
23
21
-
VDD_0
6)
S
Digital Main Supply Voltage
34
24
24
22
-
VSS_0
6)
S
Digital Ground Voltage
35
25
25
23
16
PC0/OCMP2_B/
AIN12
I/O CT
X
XX
X
X
Port C0
Timer B
Output
Compare 2
ADC Ana-
log
Input 12
36
26
26
24
17
PC1/OCMP1_B/
AIN13
I/O CT
X
XX
X
X
Port C1
Timer B
Output
Compare 1
ADC Ana-
log
Input 13
37
27
27
25
18
PC2 (HS)/ICAP2_B I/O CT HS X X
X
X
Port C2
Timer B Input Capture 2
38
28
28
26
19
PC3 (HS)/ICAP1_B I/O CT HS X X
X
X
Port C3
Timer B Input Capture 1
39
29
29
27
20
PC4/MISO/ICCDA-
TA
I/O CT
X
XX
X
Port C4
SPI Master
In / Slave
Out Data
ICC Data
Input
40
30
30
28
21
PC5/MOSI/AIN14
I/O CT
X
XX
X
X
Port C5
SPI Master
Out / Slave
In Data
ADC Ana-
log
Input 14
41
31
31
29
22
PC6/SCK/ICCCLK
I/O CT
X
XX
X
Port C6
SPI Serial
Clock
ICC Clock
Output
Pin n°
Pin Name
Level
Port
Main
function
(after
reset)
Alternate function
Input
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com