Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95256-DR Datasheet(PDF) 46 Page - STMicroelectronics

Part # M95256-DR
Description  256 Kbit serial SPI bus EEPROM with high-speed clock
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95256-DR Datasheet(HTML) 46 Page - STMicroelectronics

Back Button M95256-DR Datasheet HTML 40Page - STMicroelectronics M95256-DR Datasheet HTML 41Page - STMicroelectronics M95256-DR Datasheet HTML 42Page - STMicroelectronics M95256-DR Datasheet HTML 43Page - STMicroelectronics M95256-DR Datasheet HTML 44Page - STMicroelectronics M95256-DR Datasheet HTML 45Page - STMicroelectronics M95256-DR Datasheet HTML 46Page - STMicroelectronics M95256-DR Datasheet HTML 47Page - STMicroelectronics M95256-DR Datasheet HTML 48Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 46 / 48 page
background image
Revision history
M95256-DR, M95256, M95256-W, M95256-R
46/48
Doc ID 12276 Rev 11
13-Apr-2006
6
M95128 part numbers removed from document. PDIP8 package removed.
Delivery state paragraph added.
Section 3.8: Operating supply voltage (VCC) added and information
removed below Section 4: Operating features.
Power up state removed below Section 6: Delivery state.
Figure 18: SPI modes supported modified and Note 2 added.
Note 1 added to Table 8.
ICC1 specified over the whole VCC range and ICC0 added in Table 14,
Table 15 and Table 16. ICC specified over the whole VCC range in Table 14.
Table 17: AC Characteristics (M95256, Device Grade 6) added.
tCHHL and tCHHH replaced by tCLHL and tCLHH, respectively.
Figure 21: Hold timing modified. Process added to Table 25: Ordering
information scheme. Note 1 added to Table 25.
Note 1 removed from Table 20: AC characteristics (M95256-DR, M95256-
R device grade 6).
TA added to Table 7: Absolute maximum ratings.
Order of sections modified.
15-Oct-2007
7
M95256 with device grade 6 temperature range removed.
Section 3.7: VSS ground added, Section 3.8: Operating supply voltage
(VCC) modified. Small text changes.
Section 5.4: Write Status Register (WRSR), Section 5.5: Read from
Memory Array (READ) and Section 6: Delivery state updated.
Note 2 below Figure 17: Bus master and memory devices on the SPI bus
removed, replaced by explanatory paragraph.
TLEAD added to Table 7: Absolute maximum ratings.
Test conditions modified for ICC0 and ICC1, and VIH min modified in
Table 17: AC characteristics (M95256, device grade 3).
tW modified and “preliminary data” note removed in Table 20: AC
characteristics (M95256-DR, M95256-R device grade 6).
Blank option removed below Plating technology, process A modified and
process V removed in Table 25: Ordering information scheme.
Table 26: Available M95256x products (package, voltage range,
temperature grade) added.
SO8N and SO8W package specifications updated (see Section 10:
Package mechanical data). Package mechanical data: inches calculated
from mm and rounded to 3 decimal digits.
27-Mar-2008
8
Section 3.8: Operating supply voltage (VCC) modified. Small text changes.
Frequency corrected on page 1.
VIL and VIH modified in Table 16: DC characteristics (M95256-R, M95256-
DR, device grade 6).
AB Process added to Table 25: Ordering information scheme.
15-Jul-2008
9
WLCSP package added (see Figure 3: WLCSP connections (top view,
marking side, with balls on the underside) and Section 10: Package
mechanical data).
Table 28.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com