Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95256 Datasheet(PDF) 37 Page - STMicroelectronics

Part # M95256
Description  256 Kbit serial SPI bus EEPROM with high-speed clock
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95256 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button M95256 Datasheet HTML 33Page - STMicroelectronics M95256 Datasheet HTML 34Page - STMicroelectronics M95256 Datasheet HTML 35Page - STMicroelectronics M95256 Datasheet HTML 36Page - STMicroelectronics M95256 Datasheet HTML 37Page - STMicroelectronics M95256 Datasheet HTML 38Page - STMicroelectronics M95256 Datasheet HTML 39Page - STMicroelectronics M95256 Datasheet HTML 40Page - STMicroelectronics M95256 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 48 page
background image
M95256-DR, M95256, M95256-W, M95256-R
DC and AC parameters
Doc ID 12276 Rev 11
37/48
Table 20.
AC characteristics (M95256-DR, M95256-R device grade 6)
Test conditions: VCC = 1.8 to 5.5 V, TA = –40 to 85 °C
Symbol
Alt.
Parameter
Min.
Max.
Min.
Max.
Unit
Current(1)
products
New
products(2)
(Preliminary
information)
fC
fSCK
Clock frequency
D.C.
2
D.C.
5
MHz
tSLCH
tCSS1 S active setup time
200
60
ns
tSHCH
tCSS2 S not active setup time
200
60
ns
tSHSL
tCS
S deselect time
200
90
ns
tCHSH
tCSH
S active hold time
200
60
ns
tCHSL
S not active hold time
200
60
ns
tCH
(3)
tCLH
Clock high time
200
80
ns
tCL
(3)
tCLL
Clock low time
200
80
ns
tCLCH
(4)
tRC
Clock rise time
1
2
µs
tCHCL
(4)
tFC
Clock fall time
1
2
µs
tDVCH
tDSU
Data in setup time
40
20
ns
tCHDX
tDH
Data in hold time
50
20
ns
tHHCH
Clock low hold time after HOLD not active
140
60
ns
tHLCH
Clock low hold time after HOLD active
90
60
ns
tCLHL
Clock low setup time before HOLD active
0
0
ns
tCLHH
Clock low setup time before HOLD not active
0
0
ns
tSHQZ
(4)
tDIS
Output disable time
250
80
ns
tCLQV
tV
Clock low to output valid
150
80
ns
tCLQX
tHO
Output hold time
0
0
ns
tQLQH
(4)
tRO
Output rise time
100
20
ns
tQHQL
(4)
tFO
Output fall time
100
20
ns
tHHQV
tLZ
HOLD high to output valid
100
80
ns
tHLQZ
(4)
tHZ
HOLD low to output High-Z
250
80
ns
tW
tWC
Write time
5
5
ms
1.
Current products are identified by process letters “AB”.
2.
New products are identified by process letter K. For these new products, the test flow guarantees the AC parameter values
defined in this table (when VCC = 1.8 V) and the AC parameter values defined in Table 18 (when VCC= 2.5 V or VCC=
5.0 V). The M95256-DR is available as only "new product" type.
3.
tCH + tCL must never be less than the shortest possible clock period, 1 / fC(max)
4.
Value guaranteed by characterization, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com