Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95256-W Datasheet(PDF) 33 Page - STMicroelectronics

Part # M95256-W
Description  256 Kbit serial SPI bus EEPROM with high-speed clock
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95256-W Datasheet(HTML) 33 Page - STMicroelectronics

Back Button M95256-W Datasheet HTML 29Page - STMicroelectronics M95256-W Datasheet HTML 30Page - STMicroelectronics M95256-W Datasheet HTML 31Page - STMicroelectronics M95256-W Datasheet HTML 32Page - STMicroelectronics M95256-W Datasheet HTML 33Page - STMicroelectronics M95256-W Datasheet HTML 34Page - STMicroelectronics M95256-W Datasheet HTML 35Page - STMicroelectronics M95256-W Datasheet HTML 36Page - STMicroelectronics M95256-W Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
M95256-DR, M95256, M95256-W, M95256-R
DC and AC parameters
Doc ID 12276 Rev 11
33/48
Table 15.
DC characteristics (M95256-W, device grade 3)
Symbol
Parameter
Test condition
Min.
Max.
Unit
ILI
Input leakage current
VIN = VSS or VCC
± 2
µA
ILO
Output leakage current
S = VCC, VOUT = VSS or VCC
± 2
µA
ICC
Supply current (Read)
C = 0.1VCC/0.9VCC at 5 MHz, VCC = 2.5 V,
Q = open
3mA
ICC0
(1)
Supply current (Write)
During tW, S = VCC,
2.5 V < VCC < 5.5 V
6mA
ICC1
Supply current
(Standby Power mode)
S = VCC, VIN = VSS or VCC
2.5 V < VCC < 5.5 V,
5µA
VIL
Input low voltage
–0.45
0.3 VCC
V
VIH
Input high voltage
0.7 VCC
VCC+1
V
VOL
Output low voltage
IOL = 1.5 mA, VCC = 2.5 V
0.4
V
VOH
Output high voltage
IOH = –0.4 mA, VCC = 2.5 V
0.8 VCC
V
1.
Characterized value, not tested in production.
Table 16.
DC characteristics (M95256-R, M95256-DR, device grade 6)(1)
Symbol
Parameter
Test condition(2)
Min
Max
Unit
ILI
Input leakage current
VIN = VSS or VCC
± 2
µA
ILO
Output leakage current
S = VCC, VOUT = VSS or VCC
± 2
µA
ICC
Supply current (Read)
VCC = 1.8 V, C = 0.1VCC/0.9VCC at 2 MHz, Q = open
1 (3)
mA
VCC = 1.8 V, C = 0.1VCC/0.9VCC at 5 MHz, Q = open
2(4)
ICC0
(5)
Supply current (Write)
VCC = 1.8 V, during tW, S = VCC
3mA
ICC1
Supply current
(Standby Power mode)
VCC = 1.8 V, S = VCC, VIN = VSS or VCC
3µA
VIL
Input low voltage
1.8 V
 V
CC < 2.5 V
–0.45
0.25 VCC
V
VIH
Input high voltage
1.8 V
 V
CC < 2.5 V
0.75 VCC
VCC+1
V
VOL
Output low voltage
IOL = 0.15 mA, VCC = 1.8 V
0.3
V
VOH
Output high voltage
IOH = –0.1 mA, VCC = 1.8V
0.8VCC
V
1.
New product identified with process letter K.
2.
If the application uses the M95256-R, M95256-DR device with 2.5 V < VCC < 5.5 V and -40 °C < TA < +85 °C, please refer
to Table 14: DC characteristics (M95256-W, device grade 6) instead of the above table.
3.
2 mA for the new product identified with the process letter K (Preliminary data).
4.
Only the new product identified with the process letter K can run at 5 MHz (Preliminary data)
5.
Characterized value, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com