Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95256-R Datasheet(PDF) 32 Page - STMicroelectronics

Part # M95256-R
Description  256 Kbit serial SPI bus EEPROM with high-speed clock
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95256-R Datasheet(HTML) 32 Page - STMicroelectronics

Back Button M95256-R Datasheet HTML 28Page - STMicroelectronics M95256-R Datasheet HTML 29Page - STMicroelectronics M95256-R Datasheet HTML 30Page - STMicroelectronics M95256-R Datasheet HTML 31Page - STMicroelectronics M95256-R Datasheet HTML 32Page - STMicroelectronics M95256-R Datasheet HTML 33Page - STMicroelectronics M95256-R Datasheet HTML 34Page - STMicroelectronics M95256-R Datasheet HTML 35Page - STMicroelectronics M95256-R Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
DC and AC parameters
M95256-DR, M95256, M95256-W, M95256-R
32/48
Doc ID 12276 Rev 11
Table 14.
DC characteristics (M95256-W, device grade 6)
Symbol
Parameter
Test condition
Min.
Max.
Unit
ILI
Input leakage current
VIN = VSS or VCC
± 2
µA
ILO
Output leakage current
S = VCC, VOUT = VSS or VCC
± 2
µA
ICC
Supply current (Read)
VCC= 2.5 V, C = 0.1VCC/0.9VCC
at 5 MHz, Q = open
3mA
VCC= 2.5 V, C = 0.1VCC/0.9VCC
at 10 MHz, Q = open
4(1)
1.
Preliminary data: 2mA with the new product identified with process letter K.
mA
VCC= 5.5 V, C = 0.1VCC/0.9VCC
at 5 MHz, Q = open
5mA
VCC= 5.5 V, C = 0.1VCC/0.9VCC
at 20 MHz, Q = open
5(2)
2.
For new product identified with process letter K (preliminary data)
mA
ICC0
(3)
3.
Characterized value, not tested in production.
Supply current (Write)
During tW, S = VCC,
2.5 V < VCC < 5.5 V
5mA
ICC1
Supply current
(Standby Power mode)
S = VCC, VCC = 5.5 V,
VIN = VSS or VCC,
5(4)
4.
3 µA with the new product identified with process letter K (Preliminary data)
µA
S = VCC, VCC = 2.5 V,
VIN = VSS or VCC,
5(5)
5.
2 µA with the new product identified with process letter K (Preliminary data)
µA
VIL
Input low voltage
–0.45
0.3 VCC
V
VIH
Input high voltage
0.7 VCC
VCC+1
V
VOL
Output low voltage
VCC = 2.5 V and IOL = 1.5 mA or
VCC = 5 V and IOL = 2 mA
0.4
V
VOH
Output high voltage
VCC = 2.5 V and IOH = –0.4 mA or
VCC = 5 V and IOH = –2 mA
0.8 VCC
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com