Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG201ADJ Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DG201ADJ
Description  Quad SPST CMOS Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG201ADJ Datasheet(HTML) 2 Page - Maxim Integrated Products

  DG201ADJ Datasheet HTML 1Page - Maxim Integrated Products DG201ADJ Datasheet HTML 2Page - Maxim Integrated Products DG201ADJ Datasheet HTML 3Page - Maxim Integrated Products DG201ADJ Datasheet HTML 4Page - Maxim Integrated Products DG201ADJ Datasheet HTML 5Page - Maxim Integrated Products DG201ADJ Datasheet HTML 6Page - Maxim Integrated Products DG201ADJ Datasheet HTML 7Page - Maxim Integrated Products DG201ADJ Datasheet HTML 8Page - Maxim Integrated Products DG201ADJ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Quad SPST CMOS Analog Switches
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS (DG211)
ELECTRICAL CHARACTERISTICS (DG211)
(V+ = +15V, V- = -15V, GND = 0, TA = +25°C, unless otherwise noted.) (For more information on TYP values see Note 2.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
V+ to V-………………………………….............……………….44V
VIN to Ground…………………………..................…. ……...V-, V+
VL to Ground………....................……………………….-0.3V, 25V
VS or VD to V+……...........................………………………0, -40V
VS or VD to V-……………........................…………………..0, 40V
V+ to Ground…………………...................................………...25V
V- to Ground…………………………………….................…...-25V
Current, Any Terminal Except S or D……….............……...30mA
Continuous Current, S or D……………………..............…...20mA
Peak Current, S or D
(pulsed at 1ms 10% duty cycle max)…..........................70mA
Storage Temperature Range……………..……..-65°C to +125°C
Operating Temperature Range
DG211C ................................……………...……...0°C to +70°C
DG211D/E .........................……………...……...-40°C to +85°C
Power Dissipation (TA = +70°C) (Note 1)
16-Pin Plastic Dip (derate 10.5mW/°C above +70°C) ..842mW
16-Pin Narrow SO (derate 8.3mW/°C above+70°C). ....696mW
16-Pin TSSOP (derate 9.4mW/°C above +70°C) ..........755mW
16-Pin QFN (5 ✕ 5)
(derate 19.2mW/°C above +70°C) .........................1538mW
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SWITCH
Analog Signal Range
VANALOG
-15
15
V
Drain-Source ON-Resistance
RDS (ON)
VD = ±10V, VIN = 0.8V, IS = 1mA
115
175
Ω
VS = 14V, VD = -14V
0.01
5.0
Source OFF-Leakage Current
IS (OFF)
VIN = 2.4V
VS = -14V, VD = 14V
-5.0
-0.02
VS = 14V, VD = -14V
0.01
5.0
Drain OFF-Leakage Current
ID (OFF)
VIN = 2.4V
VS = -14V, VD = 14V
-5.0
-0.02
VS = VD = -14V
0.1
5.0
Drain ON-Leakage Current
(Note 3)
ID (ON)
VIN = 0.8V
VS = VD = -14V
-5.0
-0.15
nA
INPUT
VIN = 2.4V
-1.0
-0.0004
Input Current with Input Voltage
High
IINH
VIN = 15V
0.003
1.0
Input Current with Input Voltage
Low
IINL
VIN = 0
-1.0
-0.0004
µA
DYNAMIC
Turn-ON Time
tON
460
1000
tOFF1
360
500
Turn-OFF Time
tOFF2
See Switching Time
Test Circuit
VS = 2V, RL = 1k
Ω, CL = 35pF
450
ns
Source OFF-Capacitance
CS (OFF)
VS = 0, VIN = 5V, f = 1MHz
5
Drain OFF-Capacitance
CD (OFF)
VD = 0, VIN = 5V, f = 1MHz
5
Channel ON-Capacitance
CD + S (ON)
VD = VS = 0, VIN = 0, f = 1MHz
16
pF
OFF-Isolation (Note 4)
OIRR
70
Crosstalk
(Channel to Channel)
CCRR
VIN = 5V, RL = 1k
Ω, CL = 15pF,
VS = 1VRMS, f = 100kHz
90
dB
Note 1: Device mounted with all leads soldered to PC board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com