Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F276Z5 Datasheet(PDF) 45 Page - STMicroelectronics

Part # ST10F276Z5
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276Z5 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button ST10F276Z5_07 Datasheet HTML 41Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 42Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 43Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 44Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 45Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 46Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 47Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 48Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 239 page
background image
ST10F276Z5
Internal Flash memory
45/239
Example 2: Enable Access and Debug Protection.
FCR0H|= 0x0100;/*Set SPR in FCR0H*/
FARL = 0xDFB8;/*Load Add of register FNVAPR0 in FARL*/
FARH = 0x000E;/*Load Add of register FNVAPR0 in FARH*/
FDR0L = 0xFFFC;/*Load Data in FDR0L*/
FCR0H|= 0x8000;/*Operation start*/
Example 3: Disable in a permanent way Access and Debug Protection.
FCR0H|= 0x0100;/*Set SPR in FCR0H*/
FARL = 0xDFBC;/*Load Add of register FNVAPR1L in FARL*/
FARH = 0x000E;/*Load Add of register FNVAPR1L in FARH*/
FDR0L = 0xFFFE; /*Load Data in FDR0L for clearing PDS0*/
FCR0H|= 0x8000;/*Operation start*/
Example 4: Enable again in a permanent way Access and Debug Protection, after having
disabled them.
FCR0H|= 0x0100;/*Set SPR in FCR0H*/
FARL = 0xDFBC;/*Load Add register FNVAPR1H in FARL*/
FARH
= 0x000E;/*Load Add register FNVAPR1H in FARH*/
FDR0H = 0xFFFE;/*Load Data in FDR0H for clearing PEN0*/
FCR0H|= 0x8000;/*Operation start*/
Disable and re-enable of Access and Debug Protection in a permanent way (as shown by
examples 3 and 4) can be done for a maximum of 16 times.
4.7
Write operation summary
In general, each write operation is started through a sequence of 3 steps:
1.
The first instruction is used to select the desired operation by setting its corresponding
selection bit in the Flash Control Register 0. This instruction is also used to select in
which Flash Module to apply the Write Operation (by setting/resetting bit SMOD).
2.
The second step is the definition of the Address and Data for programming or the
Sectors or Banks to erase.
3.
The last instruction is used to start the write operation, by setting the start bit WMS in
the FCR0.
Once selected, but not yet started, one operation can be canceled by resetting the operation
selection bit.
A summary of the available Flash Module Write Operations are shown in the following
Table 28.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com