Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F276Z5T3 Datasheet(PDF) 21 Page - STMicroelectronics

Part # ST10F276Z5T3
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276Z5T3 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button ST10F276Z5T3 Datasheet HTML 17Page - STMicroelectronics ST10F276Z5T3 Datasheet HTML 18Page - STMicroelectronics ST10F276Z5T3 Datasheet HTML 19Page - STMicroelectronics ST10F276Z5T3 Datasheet HTML 20Page - STMicroelectronics ST10F276Z5T3 Datasheet HTML 21Page - STMicroelectronics ST10F276Z5T3 Datasheet HTML 22Page - STMicroelectronics ST10F276Z5T3 Datasheet HTML 23Page - STMicroelectronics ST10F276Z5T3 Datasheet HTML 24Page - STMicroelectronics ST10F276Z5T3 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 239 page
background image
ST10F276Z5
Pin data
21/239
P4.0 –P4.7
85-92
I/O
Port 4 is an 8-bit bidirectional I/O port. It is bit-wise programmable for input or
output via direction bit. Programming an I/O pin as input forces the
corresponding output driver to high impedance state. The input threshold is
selectable (TTL or CMOS). Port 4.4, 4.5, 4.6 and 4.7 outputs can be configured
as push-pull or open drain drivers.
In case of an external bus configuration, Port 4 can be used to output the
segment address lines:
85
O
P4.0
A16
Segment address line
86
O
P4.1
A17
Segment address line
87
O
P4.2
A18
Segment address line
88
O
P4.3
A19
Segment address line
89
O
P4.4
A20
Segment address line
I
CAN2_RxD
CAN2: receive data input
I/O
SCL
I2C Interface: serial clock
90
O
P4.5
A21
Segment address line
I
CAN1_RxD
CAN1: receive data input
I
CAN2_RxD
CAN2: receive data input
91
O
P4.6
A22
Segment address line
O
CAN1_TxD
CAN1: transmit data output
O
CAN2_TxD
CAN2: transmit data output
92
O
P4.7
A23
Most significant segment address line
O
CAN2_TxD
CAN2: transmit data output
I/O
SDA
I2C Interface: serial data
RD
95
O
External memory read strobe. RD is activated for every external instruction or
data read access.
WR/WRL
96
O
External memory write strobe. In WR-mode this pin is activated for every
external data write access. In WRL mode this pin is activated for low byte data
write accesses on a 16-bit bus, and for every data write access on an 8-bit bus.
See WRCFG in the SYSCON register for mode selection.
READY/
READY
97
I
Ready input. The active level is programmable. When the ready function is
enabled, the selected inactive level at this pin, during an external memory
access, will force the insertion of waitstate cycles until the pin returns to the
selected active level.
ALE
98
O
Address latch enable output. In case of use of external addressing or of
multiplexed mode, this signal is the latch command of the address lines.
Table 2.
Pin description (continued)
Symbol
Pin
Type
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com