Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2SB60 Datasheet(PDF) 1 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

Part # D2SB60
Description  Single-phase Silicon Bridge Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFS [Shenzhen Ping Sheng Electronics Co., Ltd.]
Direct Link  http://ps-pfs.en.alibaba.com/
Logo PFS - Shenzhen Ping Sheng Electronics Co., Ltd.

D2SB60 Datasheet(HTML) 1 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

  D2SB60 Datasheet HTML 1Page - Shenzhen Ping Sheng Electronics Co., Ltd. D2SB60 Datasheet HTML 2Page - Shenzhen Ping Sheng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
600
600
420
15
30
80
2.0
1.05
10
40
V
µA
pF
IR
Cj
最大正向电压
IF = 1.0A
最大反向电流
TA= 25℃
典型结电容
VR = 4.0V, f = 1MHz
电特性 TA = 25℃ 除非另有规定。
Electrical Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
单位
Unit
符号
Symbols
Maximum forward voltage
Maximum reverse current
Type junction capacitance
VF
-55 --- +150
V
V
V
A
A
µA
℃
/W
℃
VRRM
VRMS
VDC
IF(AV)
IFSM
IR(AV)
极限值和温度特性
TA = 25℃ 除非另有规定。
Maximum Ratings & Thermal Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
最大可重复峰值反向电压
Maximum repetitive peak reverse voltage
最大均方根电压
Maximum RMS voltage
最大直流阻断电压
Maximum DC blocking voltage
最大正向平均整流电流
Maximum average forward rectified current
峰值正向浪涌电流 8.3ms单一正弦半波
Peak forward surge current 8.3 ms single half sine-wave
最大反向峰值电流
Maximum
peak reverse current full cycle
典型热阻
Typical thermal resistance
工作结温和存储温度
符号
Symbols
单位
Unit
Operating junction and storage temperature range
Tj, TSTG
@TA = 75℃
RθJA
特征
Features
·低的反向漏电流
Low reverse leakage
·较强的正向浪涌承受能力
High forward surge capability
机械数据
Mechanical Data
·封装: 塑料封装 Case: Molded Plastic
·极性: 标记模压或印于本体 Polarity: Symbols molded or marked on body
·安装位置: 任意 Mounting Position: Any
·浪涌承受能力:80 A
S
urge overload rating:80 Amperes peak
D2SB60
D2SB60
塑封硅整流桥堆
反向电压
600V
正向电流
2.0 A
Single-phase Silicon Bridge Rectifier
Reverse Voltage 600 V
Forward Current 2.0 A
D2SB60
TA= 125℃
500
Unit:mm
+~
~
-
20.7 ± 0.3
2.0 ± 0.3
1.0 ± 0.1
5.0 ± 0.2
0.5 ± 0.1
3.5 ± 0.2
5.0 ± 0.2 5.0 ± 0.2
45
8max
5.5max
4.5±0.5
5.0±0.5
。
Web: www.ps-pfs.com http://ps-pfs.en.alibaba.com/


Similar Part No. - D2SB60

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D2SB60 SHINDENGEN-D2SB60 Datasheet
272Kb / 5P
General Purpose Rectifiers(600V 1.5A)
logo
Taiwan Semiconductor Co...
D2SB60 TSC-D2SB60 Datasheet
44Kb / 2P
Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
D2SB60 TSC-D2SB60 Datasheet
124Kb / 2P
Single Phase 2.0AMPS. Glass Passivated Bridge Rectifiers
logo
Rugao Dachang Electroni...
D2SB60 DACHANG-D2SB60 Datasheet
128Kb / 2P
Single-phase Silicon Bridge Rectifier Reverse Voltage 200 to 800 V Forward Current 1.5A
logo
Taiwan Semiconductor Co...
D2SB60 TSC-D2SB60 Datasheet
194Kb / 4P
Glass Passivated Single-Phase Bridge Rectifier
More results

Similar Description - D2SB60

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BR605 RECTRON-BR605 Datasheet
22Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
KBPC35005 CHENYI-KBPC35005 Datasheet
182Kb / 2P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Shenzhen Luguang Electr...
BR3505 LUGUANG-BR3505 Datasheet
291Kb / 2P
Single-phase Silicon Bridge Rectifier
logo
GeneSiC Semiconductor, ...
BR106 GENESIC-BR106_16 Datasheet
289Kb / 3P
Single Phase Silicon Bridge Rectifier
KBPC25005TW GENESIC-KBPC25005TW_16 Datasheet
338Kb / 3P
Single Phase Silicon Bridge Rectifier
KBU10005 GENESIC-KBU10005_16 Datasheet
297Kb / 3P
Single Phase Silicon Bridge Rectifier
BR86 GENESIC-BR86_18 Datasheet
409Kb / 3P
Single Phase Silicon Bridge Rectifier
KBPC1506T GENESIC-KBPC1506T Datasheet
597Kb / 3P
Single Phase Silicon Bridge Rectifier
KBPC15005T GENESIC-KBPC15005T Datasheet
597Kb / 3P
Single Phase Silicon Bridge Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com