Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF7NM80 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STF7NM80
Description  N-channel 800 V, 0.95 Ω, 6.5 A TO-220, TO-220FP, IPAK, DPAK MDmesh™Power MOSFET
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF7NM80 Datasheet(HTML) 5 Page - STMicroelectronics

  STF7NM80 Datasheet HTML 1Page - STMicroelectronics STF7NM80 Datasheet HTML 2Page - STMicroelectronics STF7NM80 Datasheet HTML 3Page - STMicroelectronics STF7NM80 Datasheet HTML 4Page - STMicroelectronics STF7NM80 Datasheet HTML 5Page - STMicroelectronics STF7NM80 Datasheet HTML 6Page - STMicroelectronics STF7NM80 Datasheet HTML 7Page - STMicroelectronics STF7NM80 Datasheet HTML 8Page - STMicroelectronics STF7NM80 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
STD7NM80-1, STD7NM80, STF7NM80, STP7NM80
Electrical characteristics
Doc ID 12573 Rev 3
5/17
Table 7.
Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
tr
td(off)
tf
Turn-on delay time
Rise time
Turn-off delay time
Fall time
VDD = 400 V, ID = 3.25 A,
RG=4.7 Ω, VGS=10 V
(see Figure 18)
-
20
8
35
10
-
ns
ns
ns
ns
Table 8.
Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
ISDM
Source-drain current
Source-drain current (pulsed)
-
6.5
26
A
A
VSD
(1)
1.
Pulsed: pulse duration = 300 µs, duty cycle 1.5%
Forward on voltage
ISD = 6.5 A, VGS=0
-
1.3
V
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 6.5 A,VDD= 50 V
di/dt=100 A/µs
(see Figure 20)
-
460
4
17
ns
µC
A
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 6.5 A,VDD= 50 V
di/dt=100 A/µs,
Tj=150 °C
(see Figure 20)
-
680
6
17
ns
µC
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com