Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4B05G Datasheet(PDF) 2 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

Part # TS4B05G
Description  Single-phase Silicon Bridge Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFS [Shenzhen Ping Sheng Electronics Co., Ltd.]
Direct Link  http://ps-pfs.en.alibaba.com/
Logo PFS - Shenzhen Ping Sheng Electronics Co., Ltd.

TS4B05G Datasheet(HTML) 2 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

  TS4B05G Datasheet HTML 1Page - Shenzhen Ping Sheng Electronics Co., Ltd. TS4B05G Datasheet HTML 2Page - Shenzhen Ping Sheng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
特性曲线
Characteristic Curves
0
40
80
120
160
0
2.0
4.0
1.0
3.0
+~
~
-
P.C.B.
on glass-epoxi substrate
soldering land 5mmф
sine wave R-load
free in air
10
100
02
5
20
50
0
200
240
0
2
4
6
10
12
5
0
Sine wave
Tj=150℃
12
6
34
8
14
7
160
120
80
40
0.1
0.4
0.5
0.7
0.8
0.9
1.2
1
10
1.1
0.6
1.0
Pulse measurement
per diode
Tl=25℃
10mS
10mS
1 Cycle
non-repetitive
Tj=25℃ before
VF Instantaneous Forward Voltage (V)
PEAK FORWARD SURGE CURRENT
Number of Cycles at 60 Hz.
FORWARD POWER DISSIPATION
通过电流的周期
正向电压 VF(V)
浪涌特性曲线(最大值)
平均整流电流
I0(A)
AVERAGE RECGIFIED FORWARD
CURRENT Io(A)
功率损耗曲线
环境温度 Ta(
°C)
Tamb, ambient temperature (°C)
正向电流降额曲线
正向特性曲线(典型值)
FORWARD CURRENT DERATING CURVE
TYPICAL FORWARD CHARACTERISTIC
MAXIMUM NON REPETITIVE
TS4B05G
Web: www.ps-pfs.com http://ps-pfs.en.alibaba.com/



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com