Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T82SM6F Datasheet(PDF) 12 Page - STMicroelectronics

Part # M41T82SM6F
Description  Serial I2C bus RTC with battery switchover
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T82SM6F Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M41T82SM6F Datasheet HTML 8Page - STMicroelectronics M41T82SM6F Datasheet HTML 9Page - STMicroelectronics M41T82SM6F Datasheet HTML 10Page - STMicroelectronics M41T82SM6F Datasheet HTML 11Page - STMicroelectronics M41T82SM6F Datasheet HTML 12Page - STMicroelectronics M41T82SM6F Datasheet HTML 13Page - STMicroelectronics M41T82SM6F Datasheet HTML 14Page - STMicroelectronics M41T82SM6F Datasheet HTML 15Page - STMicroelectronics M41T82SM6F Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 61 page
background image
Operation
M41T82-M41T83
12/61
Doc ID 12578 Rev 12
2
Operation
The M41T8x clock operates as a slave device on the serial bus. Access is obtained by
implementing a start condition followed by the correct slave address (D0h). The 32 bytes
contained in the device can then be accessed sequentially in the following order:
●
1st byte: tenths/hundredths of a second register
●
2nd byte: seconds register
●
3rd byte: minutes register
●
4th byte: century/hours register
●
5th byte: day register
●
6th byte: date register
●
7th byte: month register
●
8th byte: year register
●
9th byte: digital calibration register
●
10th byte: watchdog register
●
11th - 15th bytes: alarm 1 registers
●
16th byte: flags register
●
17th byte: timer value register
●
18th byte: timer control register
●
19th byte: analog calibration register
●
20th byte: square wave register
●
21st - 25th bytes: alarm 2 registers
●
26th - 32nd bytes: user RAM
The M41T8x clock continually monitors VCC for an out-of-tolerance condition. Should VCC
fall below VRST, the device terminates an access in progress and resets the device address
counter. Inputs to the device will not be recognized at this time to prevent erroneous data
from being written to the device from an out-of-tolerance system. The power input will also
be switched from the VCC pin to the battery when VCC falls below the battery back-up
switchover voltage (VSO = VRST). At this time the clock registers will be maintained by the
attached battery supply. As system power returns and VCC rises above VSO, the battery is
disconnected, and the power supply is switched to external VCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com