Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5621 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX5621
Description  16-Bit DACs with 16-Channel Sample-and-Hold Outputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5621 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX5621 Datasheet HTML 1Page - Maxim Integrated Products MAX5621 Datasheet HTML 2Page - Maxim Integrated Products MAX5621 Datasheet HTML 3Page - Maxim Integrated Products MAX5621 Datasheet HTML 4Page - Maxim Integrated Products MAX5621 Datasheet HTML 5Page - Maxim Integrated Products MAX5621 Datasheet HTML 6Page - Maxim Integrated Products MAX5621 Datasheet HTML 7Page - Maxim Integrated Products MAX5621 Datasheet HTML 8Page - Maxim Integrated Products MAX5621 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
16-Bit DACs with 16-Channel
Sample-and-Hold Outputs
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = +10V, VSS = -4V, VLOGIC = VLDAC = VLSHA = +5V, VREF = +2.5V, AGND = DGND = VGS = 0V, RL
≥ 10MΩ, CL = 50pF,
CLKSEL = +5V, fECLK = 400kHz, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to AGND.......................................................-0.3V to +12.2V
VSS to AGND .........................................................-6.0V to +0.3V
VDD to VSS ...........................................................................+15V
VLDAC, VLOGIC, VLSHA to AGND or DGND ..............-0.3V to +6V
REF to AGND............................................................-0.3V to +6V
GS to AGND................................................................VSS to VDD
CL and CH to AGND...................................................VSS to VDD
Logic Inputs to DGND ..............................................-0.3V to +6V
DGND to AGND........................................................-0.3V to +2V
Maximum Current into OUT_ ............................................±10mA
Maximum Current into Logic Inputs .................................±20mA
Continuous Power Dissipation (TA = +70°C)
64-Pin TQFP (derate 13.3mW/°C above +70°C) ............1066mW
68-Pin Thin QFN (derate 28.6mW/°C above +70°C) ......2285mW
Operating Temperature Range...............................0°C to +85°C
Maximum Junction Temperature .....................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC CHARACTERISTICS
Resolution
N
16
Bits
Output Range
VOUT_
(Note 1)
VSS +
0.75
VDD -
2.4
V
Offset Voltage
Code = 4F2C hex
±15
±200
mV
Offset Voltage Tempco
±50
µV/°C
Gain Error
(Note 2)
±1
%
Gain Tempco
±5
ppm/°C
Integral Linearity Error
INL
VOUT_ = -3.25V to +7.6V
0.005
0.015
%FSR
Differential Linearity Error
DNL
VOUT_ = -3.25V to +7.6V; monotonicity
guaranteed to 14 bits
±1
±4
LSB
Maximum Output Drive Current
IOUT
Sinking and sourcing
±2mA
MAX5621
35
50
65
MAX5622
350
500
650
DC Output Impedance
ROUT
MAX5623
700
1000
1300
Ω
MAX5621
250
pF
MAX5622
10
Maximum Capacitive Load
MAX5623
10
nF
DC Crosstalk
Internal oscillator enabled (Note 3)
-90
dB
Power-Supply Rejection Ratio
PSRR
Internal oscillator enabled
-80
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com