Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95512-RCS3G/K Datasheet(PDF) 45 Page - STMicroelectronics

Part # M95512-RCS3G/K
Description  512 Kbit serial SPI bus EEPROM with high-speed clock
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95512-RCS3G/K Datasheet(HTML) 45 Page - STMicroelectronics

Back Button M95512-RCS3G/K Datasheet HTML 40Page - STMicroelectronics M95512-RCS3G/K Datasheet HTML 41Page - STMicroelectronics M95512-RCS3G/K Datasheet HTML 42Page - STMicroelectronics M95512-RCS3G/K Datasheet HTML 43Page - STMicroelectronics M95512-RCS3G/K Datasheet HTML 44Page - STMicroelectronics M95512-RCS3G/K Datasheet HTML 45Page - STMicroelectronics M95512-RCS3G/K Datasheet HTML 46Page - STMicroelectronics M95512-RCS3G/K Datasheet HTML 47Page - STMicroelectronics M95512-RCS3G/K Datasheet HTML 48Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 45 / 48 page
background image
M95512-W, M95512-R
Revision history
Doc ID 11124 Rev 13
45/48
13
Revision history
Table 26.
Document revision history
Date
Revision
Changes
Jan-1999
1.0
Document written
13-Feb-2002
2.0
Document reformatted using the new template
Voltage range -S added, and -R removed
Instruction Sequence illustrations updated
Announcement made of planned upgrade to 10 MHz clock for the 5V, –40
to 85°C, range
05-Dec-2003
3.0
Table of contents, and Pb-free options added. VIL(min) improved to -
0.45V. Voltage range -R added, and -S removed
02-Apr-2004
4.0
Old versions of document completely replaced by one rewritten from
M95256
03-Jan-2005
5.0
AC and DC characteristics tables updated with the performance data of
the new device identified with the process letter “A”.
Table 1., Product List added. AEC-Q100-002 compliance. Device Grade
information clarified. tHHQX, tCHHL and tCHHH corrected to tHHQV, tCLHL and
tCLHH, respectively.
M95512 part number with 4.5V to 5.5V operating voltage range removed
(related tables removed). Document status changed to Preliminary Data.
30-Jun-2005
6.0
Updated Figure 4: Bus master and memory devices on the SPI bus and
Figure 21: Hold timing. Power On Reset information clarified. Protected
Array Addresses modified in Table 2: Write-protected block size. Ambient
Operating Temperature value added in Table 7: Absolute maximum
ratings. Supply Current (ICC) value modified for 10 MHz in Table 13: DC
characteristics (current M95512-W products). All values modified in
Table 18: AC characteristics (current and new M95512-R and M95512-DR
products). Document status changed to Datasheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com