Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX8563EEE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX8563EEE
Description  1%, Ultra-Low Output Voltage, Dual and Triple Linear n-FET Controllers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8563EEE Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX8563EEE Datasheet HTML 1Page - Maxim Integrated Products MAX8563EEE Datasheet HTML 2Page - Maxim Integrated Products MAX8563EEE Datasheet HTML 3Page - Maxim Integrated Products MAX8563EEE Datasheet HTML 4Page - Maxim Integrated Products MAX8563EEE Datasheet HTML 5Page - Maxim Integrated Products MAX8563EEE Datasheet HTML 6Page - Maxim Integrated Products MAX8563EEE Datasheet HTML 7Page - Maxim Integrated Products MAX8563EEE Datasheet HTML 8Page - Maxim Integrated Products MAX8563EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
General Description
The MAX8563/MAX8564/MAX8564A ultra-low-output dual
and triple LDO controllers allow flexible and inexpensive
point-of-load voltage conversion in motherboards,
desknotes, notebooks, and other applications.
These parts feature a 0.5V reference voltage with ±1%
accuracy providing tight regulation of the output volt-
age. The MAX8563 has three n-channel MOSFET con-
troller outputs, and the MAX8564/MAX8564A has two
controller outputs.
Each controller output is adjustable from 0.5V to 3.3V
when VDD = 12V and between 0.5V and 1.8V when VDD
= 5V. Each output is independently enabled and asserts
a POK signal when the output reaches 94% of the set
value. Each output is protected against a soft short-circuit
condition by an undervoltage comparator that disables
the output when it drops to under 80% of the set voltage
for more than 50µs. For a catastrophic short condition, the
regulators are shut down immediately if the output drops
below 60% of the set voltage.
The MAX8563 is available in a 16-pin QSOP
package, and the MAX8564/MAX8564A are available
in a 10-pin µMAX® package.
Applications
Features
♦ MAX8563: 3 Outputs
♦ MAX8564/MAX8564A: 2 Outputs
♦ ±1% Feedback Regulation
♦ Adjustable Output Voltage Down to 0.5V
♦ Can Use Ceramic Output Capacitors
♦ Wide Supply Voltage Range Permits Operation
from 5V or 12V Rails
♦ Individual Enable Control and POK Signal Allows
Sequencing
♦ Overload Protection Against Soft Short-Circuit
Condition
♦ Undervoltage Short-Circuit Protection
♦ Drive n-Channel MOSFETs
±1%, Ultra-Low Output Voltage, Dual and Triple
Linear n-FET Controllers
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
19-3290; Rev 2; 6/06
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
EVALUATION
KIT
AVAILABLE
PART
TEMP RANGE
PIN-
PACKAGE
PKG
CODE
MAX8563EEE
-40°C to +85°C
16 QSOP
E16-1
MAX8564EUB
-40°C to +85°C
10 µMAX
U10-2
MAX8564AEUB+
-40°C to +85°C
10 µMAX
U10-2
OFF
ON
OFF
ON
OFF
ON
DRV1
FB1
EN1
POK1
GND
N.C.
DRV3
FB3
VDD
DRV2
FB2
EN2
POK2
N.C.
POK3
EN3
MAX8563
1.8V
±5% IN
C1
C5
R2
R1
C4
OUT1
1.5V/1.5A
R3
Q1
POK1
3.3V
±5% IN
OUT3
2.5V/2A*
C9
C10
C8
Q3
R8
R7
R9
R6
R5
R4
C6
C2
C3
C7
Q2
OUT2
1.05V/3A
POK2
POK3
5V OR 12VIN
1.2V
±5% IN
*2.5V OUTPUT ONLY WITH VDD = 12V
Typical Operating Circuit
Pin Configurations appear at end of data sheet.
µMAX is a registered trademark of Maxim Integrated Products, Inc.
+Denotes lead-free package.
Motherboards
Dual/Triple Power Supplies
Desknotes and Notebooks
Graphic Cards
Ultra-Low-Dropout
Voltage Regulators
Low-Voltage DSP, µP, and
Microcontroller Power
Supplies


Similar Part No. - MAX8563EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX856 MAXIM-MAX856 Datasheet
126Kb / 12P
3.3V/5V or Adjustable-Output, Step-Up DC-DC Converters
Rev 4; 5/96
MAX856-MAX859 MAXIM-MAX856-MAX859 Datasheet
126Kb / 12P
3.3V/5V or Adjustable-Output, Step-Up DC-DC Converters
Rev 4; 5/96
MAX8560 MAXIM-MAX8560 Datasheet
98Kb / 8P
PLASTIC ENCAPSULATED DEVICES
Rev. A September 24, 2003
MAX8560 MAXIM-MAX8560 Datasheet
819Kb / 12P
4MHz, 500mA Synchronous Step-Down DC-DC Converters in Thin SOT and TDFN
2005
MAX8560EZK+T MAXIM-MAX8560EZK+T Datasheet
819Kb / 12P
4MHz, 500mA Synchronous Step-Down DC-DC Converters in Thin SOT and TDFN
2005
More results

Similar Description - MAX8563EEE

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW6021 ANPEC-APW6021 Datasheet
139Kb / 13P
Advanced PWM and Triple Linear Power Controllers
logo
Global Mixed-mode Techn...
G9338 GMT-G9338 Datasheet
139Kb / 1P
Ultra Low Output Voltage Linear N-FET Controller
logo
Semtech Corporation
SC2738 SEMTECH-SC2738 Datasheet
232Kb / 13P
Ultra Low Output Voltage Dual Linear FET Controller
SC338 SEMTECH-SC338 Datasheet
245Kb / 14P
Ultra Low Output Voltage Dual Linear FET Controller
SC339 SEMTECH-SC339 Datasheet
733Kb / 15P
Ultra Low Output Voltage Linear FET Controller
logo
Richtek Technology Corp...
RT9174 RICHTEK-RT9174_07 Datasheet
106Kb / 7P
Triple Linear Regulator Controllers
RT9174 RICHTEK-RT9174_11 Datasheet
115Kb / 7P
Triple Linear Regulator Controllers
logo
BCD Semiconductor Manuf...
AP2160 BCDSEMI-AP2160 Datasheet
307Kb / 10P
Ultra Low Output Voltage Linear N-FET Controller
logo
Advanced Power Electron...
APE8858 A-POWER-APE8858 Datasheet
281Kb / 6P
ULTRA LOW OUTPUT VOLTAGE LINEAR N-FET CONTROLLER
logo
Unisonic Technologies
LC1126 UTC-LC1126 Datasheet
100Kb / 6P
ULTRA LOW OUTPUT VOLTAGE LINEAR N-FET CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com