Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM217M Datasheet(PDF) 9 Page - STMicroelectronics

Part # LM217M
Description  Medium current 1.2 to 37 V adjustable voltage regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM217M Datasheet(HTML) 9 Page - STMicroelectronics

Back Button LM217M_08 Datasheet HTML 5Page - STMicroelectronics LM217M_08 Datasheet HTML 6Page - STMicroelectronics LM217M_08 Datasheet HTML 7Page - STMicroelectronics LM217M_08 Datasheet HTML 8Page - STMicroelectronics LM217M_08 Datasheet HTML 9Page - STMicroelectronics LM217M_08 Datasheet HTML 10Page - STMicroelectronics LM217M_08 Datasheet HTML 11Page - STMicroelectronics LM217M_08 Datasheet HTML 12Page - STMicroelectronics LM217M_08 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
LM217M - LM317M
Application information
9/21
6
Application information
The LM217M/LM317M provide an internal reference voltage of 1.25 V between the output
and adjustment terminals. These devices are used to set a constant current flow across an
external resistor divider (see Figure 6), giving an output voltage VO of: VO = VREF (1 + R2 /
R1) + IADJ R2.
The devices were designed to minimize the term IADJ (100 µA max) and to maintain it very
constant in line and load changes. Usually, the error term IADJ × R2 can be neglected. To
obtain the previous requirement, all the regulator quiescent current is returned to the output
terminal, imposing a minimum load current condition. If the load is insufficient, the output
voltage will rise.
Since the LM217M/LM317M devices are floating regulators and "see" only the input-to-
output differential voltage, supplies of very high voltage with respect to ground can be
regulated as long as the maximum input-to-output differential is not exceeded. Furthermore,
programmable regulators are easily obtained and, by connecting a fixed resistor between
the adjustment and output, the devices can be used as a precision current regulator. In
order to optimize the load regulation, the current set resistor R1 (see Figure 6) should be
tied as close as possible to the regulator, while the ground terminal of R2 should be near the
ground of the load to provide remote ground sensing.
6.1
External capacitors (
Figure 8)
Normally no capacitors are needed unless the devices are situated far from the input filter
capacitors; in which case an input bypass is needed.
A 0.1 µF disc or 1 µF tantalum input bypass capacitor (CI) is recommended to reduce the
sensitivity to input line impedance.
The adjustment terminal may be bypassed to ground to improve ripple rejection. This
capacitor (CADJ) prevents ripple from being amplified as the output voltage is increased. A
10 µF capacitor should improve ripple rejection of about 80 dB at 120 Hz in a 10 V
application.
Although the LM217M/LM317M devices are stable with no output capacitance like any
feedback circuit, certain values of external capacitance can cause excessive ringing. An
output capacitance (CO) in the form of a 1 µF tantalum or 25 µF aluminium electrolytic
capacitor on the output swamps this effect and insures stability.
6.2
Protection diodes (
Figure 8)
When external capacitors are used with any IC regulator it is sometimes necessary to add
protection diodes to prevent the capacitors from discharging through low current points into
the regulator.
Figure 6 shows the LM217M/LM317M with the recommended protection diodes for output
voltages in excess of 25 V or high capacitance values (C3 > 25 µF, C2 > 10 µF). Diode D1
prevents C3 from discharging through the IC during an input short-circuit. The combination
of diodes D1 and D2 prevents C2 from discharging through the regulator during an input or
output short-circuit.
6.3
Start-up block
It’s not guaranteed the Re-Boot of the device when the junction temperature is over 85 °C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com