Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD1117S33CTR Datasheet(PDF) 25 Page - STMicroelectronics

Part # LD1117S33CTR
Description  Adjustable and fixed low drop positive voltage regulator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD1117S33CTR Datasheet(HTML) 25 Page - STMicroelectronics

Back Button LD1117S33CTR Datasheet HTML 21Page - STMicroelectronics LD1117S33CTR Datasheet HTML 22Page - STMicroelectronics LD1117S33CTR Datasheet HTML 23Page - STMicroelectronics LD1117S33CTR Datasheet HTML 24Page - STMicroelectronics LD1117S33CTR Datasheet HTML 25Page - STMicroelectronics LD1117S33CTR Datasheet HTML 26Page - STMicroelectronics LD1117S33CTR Datasheet HTML 27Page - STMicroelectronics LD1117S33CTR Datasheet HTML 28Page - STMicroelectronics LD1117S33CTR Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
LD1117xx
LD1117 adjustable: application note
Doc ID 2572 Rev 28
25/42
7
LD1117 adjustable: application note
The LD1117 adjustable has a thermal stabilized 1.25 ± 0.012 V reference voltage between
the OUT and ADJ pins. IADJ is 60 µA typ. (120 µA max.) and ΔIADJ is 1 µA typ. (5 µA max.).
R1 is normally fixed to 120 Ω. From Figure 10 we obtain:
VOUT = VREF + R2 (IADJ +IR1) = VREF + R2 (IADJ +VREF /R1) = VREF (1 + R2 / R1) + R2 x IADJ.
In normal application R2 value is in the range of few kΩ, so the R2 x IADJ product could not
be considered in the VOUT calculation; then the above expression becomes:
VOUT = VREF (1 + R2 / R1).
In order to have the better load regulation it is important to realize a good Kelvin connection
of R1 and R2 resistors. In particular R1 connection must be realized very close to OUT and
ADJ pin, while R2 ground connection must be placed as near as possible to the negative
Load pin. Ripple rejection can be improved by introducing a 10 µF electrolytic capacitor
placed in parallel to the R2 resistor (see Figure 11).
Figure 11.
Adjustable output voltage application
Figure 12.
Adjustable output voltage application with improved ripple rejection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com