Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD1117STR Datasheet(PDF) 7 Page - STMicroelectronics

Part # LD1117STR
Description  Adjustable and fixed low drop positive voltage regulator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD1117STR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LD1117STR Datasheet HTML 3Page - STMicroelectronics LD1117STR Datasheet HTML 4Page - STMicroelectronics LD1117STR Datasheet HTML 5Page - STMicroelectronics LD1117STR Datasheet HTML 6Page - STMicroelectronics LD1117STR Datasheet HTML 7Page - STMicroelectronics LD1117STR Datasheet HTML 8Page - STMicroelectronics LD1117STR Datasheet HTML 9Page - STMicroelectronics LD1117STR Datasheet HTML 10Page - STMicroelectronics LD1117STR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
LD1117xx
Maximum ratings
Doc ID 2572 Rev 28
7/42
3
Maximum ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VIN
(1)
1.
Absolute maximum rating of VIN = 18 V, when IOUT is lower than 20 mA.
DC input voltage
15
V
PTOT
Power dissipation
12
W
TSTG
Storage temperature range
-40 to +150
°C
TOP
Operating junction temperature range
for C Version
-40 to +125
°C
for standard Version
0 to +125
°C
Table 3.
Thermal data
Symbol
Parameter
SOT-223
SO-8
DPAK
TO-220
Unit
RthJC
Thermal resistance junction-case
15
20
8
3
°C/W
RthJA
Thermal resistance junction-ambient
50
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com