Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF01CESA Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # REF01CESA
Description  5V, 10V Precision Voltage References
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

REF01CESA Datasheet(HTML) 8 Page - Maxim Integrated Products

  REF01CESA Datasheet HTML 1Page - Maxim Integrated Products REF01CESA Datasheet HTML 2Page - Maxim Integrated Products REF01CESA Datasheet HTML 3Page - Maxim Integrated Products REF01CESA Datasheet HTML 4Page - Maxim Integrated Products REF01CESA Datasheet HTML 5Page - Maxim Integrated Products REF01CESA Datasheet HTML 6Page - Maxim Integrated Products REF01CESA Datasheet HTML 7Page - Maxim Integrated Products REF01CESA Datasheet HTML 8Page - Maxim Integrated Products REF01CESA Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
+5V, +10V Precision
Voltage References
8
_______________________________________________________________________________________
Typical Applications
100k
Ω
6
5
9V
9V
-
+
TRIM
10.000V
VO
VIN
1.1mA
4
GND
2
REF01
5k
Ω
10k
Ω
+10V
-10V
10k
Ω
6
5
TRIM
VO
VIN
+15V
+15V
-15V
4
GND
2
OP-07
REF01
Figure 2. Precision Calibration Standard
Figure 3. ±10V Reference
R
6
5
3
TRIM
VO
VIN
+15V
4
IOUT
GND
2
IOUT =
+ 1mA
5.0V
R
REF02
*
50k
Ω
200k
Ω
1.5k
Ω
9.09k
Ω
VREF
VOUT
(10mV/
°C)
6
5
TRIM
TEMP
VO
VIN
1.5k
Ω
±5%
4
*UP TO 10 FEET OF SHIELDED
4-CONDUCTOR CABLE.
GND
2
3
2
7
4
6
5.11k
Ω
+15V
-15V
OP-07
REF02
Figure 4. Current Source
Figure 5. Precision Temperature Transducer with
Remote Sensor



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com