Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW4811MBHDT/LF Datasheet(PDF) 54 Page - STMicroelectronics

Part # STW4811MBHDT/LF
Description  Power management for multimedia processors
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4811MBHDT/LF Datasheet(HTML) 54 Page - STMicroelectronics

Back Button STW4811MBHDT/LF Datasheet HTML 50Page - STMicroelectronics STW4811MBHDT/LF Datasheet HTML 51Page - STMicroelectronics STW4811MBHDT/LF Datasheet HTML 52Page - STMicroelectronics STW4811MBHDT/LF Datasheet HTML 53Page - STMicroelectronics STW4811MBHDT/LF Datasheet HTML 54Page - STMicroelectronics STW4811MBHDT/LF Datasheet HTML 55Page - STMicroelectronics STW4811MBHDT/LF Datasheet HTML 56Page - STMicroelectronics STW4811MBHDT/LF Datasheet HTML 57Page - STMicroelectronics STW4811MBHDT/LF Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 85 page
background image
Functional description
STw4811M/STw4811N
54/85
CD00131784
4.5
SD/MMC/SDIO module
Figure 14.
SD/MMC/SDIO block diagram
4.5.1
SD/MMC/SDIO LDO supply
The Vmmc LDO is supplied via the input Vbat_Vmmc. According to the protection diode
design, the voltage on this input pin Vbat_Vmmc must be always higher or equal to the
battery voltage.
Vbat_Vmmc >= Vbat
By programming ‘vmmc_sel[2:0] bits of
configuration 1 register (Table 18), this LDO
provides the power supply (1.8 V, 1.85 V, 2.6 V, 2.7 V, 2.85 V, 3 V, 3.3 V) with a 150 mA
current compliance for any of the following peripherals.
●
SD card
●
MMC card
●
SDIO card
If an application does not request to use the level shifter feature, this LDO can be used to
supply an other peripheral, in this case, to reduce the internal current consumption due to
level shifter it is recommended to set to “1” ‘mmc_ls_status’ bit of
configuration 1 register
(
Table 18).
If an application, like HDD, requests more than 150 mA current supply and the use of the
internal level shifters, internal LDO must be disabled.
The application will be supplied by an external LDO and internal level shifter will be directly
supplied by the external LDO.
In this configuration, ‘pdn_vmmc’ bit is set to “0”, ‘mmc_ls_status’ is set to “0” (
Table 18) and
‘external_vmmc’ bit is set to “1” (
Table 28).
SD/ MMC/SDIO interface
LDO
VBAT_VMMC
VMMC
Driver
Level
shifter
LATCHCLK
CLKOUT
DATAOUT0
MCCLK
MCFBCLK
MCCMDDIR
MCDATA0DIR
MCDATA31DIR
MCCMD
MCDATA[3:1]
MCDATA0
SD, MMC
SDIO OR
cards
CMDOUT
5*RB
DATAOUT[3:1]
VIO_VMEM
EMIF
Rs
Dz
Dz
RC
MCDATA2DIR
3*RA
3*RA
150 mA
RB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com