Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW4811MBRAT/LF Datasheet(PDF) 31 Page - STMicroelectronics

Part # STW4811MBRAT/LF
Description  Power management for multimedia processors
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4811MBRAT/LF Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STW4811MBRAT/LF Datasheet HTML 27Page - STMicroelectronics STW4811MBRAT/LF Datasheet HTML 28Page - STMicroelectronics STW4811MBRAT/LF Datasheet HTML 29Page - STMicroelectronics STW4811MBRAT/LF Datasheet HTML 30Page - STMicroelectronics STW4811MBRAT/LF Datasheet HTML 31Page - STMicroelectronics STW4811MBRAT/LF Datasheet HTML 32Page - STMicroelectronics STW4811MBRAT/LF Datasheet HTML 33Page - STMicroelectronics STW4811MBRAT/LF Datasheet HTML 34Page - STMicroelectronics STW4811MBRAT/LF Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 85 page
background image
STw4811M/STw4811N
Functional description
CD00131784
31/85
Power control register at address 1Eh
Power control register at address 1Fh
Power control register mapping
Caution:
Only the latest value written in register at address 1E/1F can be read.
Table 19.
Power control register - General information (address = 1Eh)
7
65432
10
reg address 3 bits LSB’s
data din/dout 4 bits
EN
R/W
R/W
R/W
Bits
Name
Value
Settings
Default
[7:5]
reg address 3
bits
See
Table 21 “Address” column (LSB’s).
0
[4:1]
data din/
dout 4 bits
See
Table 21 control register
0
0EN
0
1
Read enabled
Write enabled
0
Table 20.
Power control register - General information (address = 1Fh)
15
14
13
12
11
10
9
8
Not used
reg address 2 bits
MSB’s
R/W
Bits
Name
Value
Settings
Default
[9:8]
reg address 2
bits MSB’s
See
Table 21 “Address” column (MSB’s).
0
Table 21.
Power control register mapping
Address 1Fh
Address 1Eh
Comments
reg address
Not used
2 bits
MSB’s
3 bits
LSB’s
data din/dout 4
bits
EN
15
14
13
12
11
10
9
876543
210
00h to 04h
Reserved
05h to 0Ah
Setting
See
Table 22 to Table 27
0Bh to 1E
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com