Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9686 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX9686
Description  Single/Dual, Very Fast TTL Output Comparators
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9686 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX9686 Datasheet HTML 1Page - Maxim Integrated Products MAX9686 Datasheet HTML 2Page - Maxim Integrated Products MAX9686 Datasheet HTML 3Page - Maxim Integrated Products MAX9686 Datasheet HTML 4Page - Maxim Integrated Products MAX9686 Datasheet HTML 5Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Single/Dual, Very Fast TTL Output Comparators
________________________________________________________________ Maxim Integrated Products
1
19-2399; Rev 2; 6/90
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Pin Configurations
General Description
The MAX9686 (single)/MAX9698 (dual) are very fast
TTL comparators manufactured with a high-frequency
bipolar process (fT = 6GHz) that are capable of very
short propagation delays, yet maintain the excellent DC
matching characteristics that are normally found only in
slower comparators. The MAX9698 is a dual version of
the MAX9686.
The MAX9686/MAX9698 have differential inputs and
complementary outputs that are fully compatible with
TTL logic levels. The extremely short propagation
delays allow signal processing at frequencies in excess
of 200MHz.
When the latch enable input goes high, the outputs go
to the states defined by the input condition at the time
of the latch transition. The outputs remain latched as
long as the LE pin remains high. If the latch enable
function is not used, the LE pin must be tied to ground.
Applications
High-Speed Analog-to-Digital Converters
High-Speed Line Receivers
Peak Detectors
Threshold Detectors
High-Speed Triggers
Features
♦ 6ns Propagation Delay
♦ 2ns Latch Setup Time
♦ +5V, -5.2V Power Supplies
♦ Pin Compatible to LT1016, Am686
♦ Available in Commercial and Military Versions
♦ Available in SO
Ordering Information
PART
TEMP RANGE
PIN-PACKAGE*
MAX9686CPA
0°C to +70°C
8 Plastic Dip
MAX9686CJA
0°C to +70°C
8 CERDIP
MAX9686CSA
0°C to +70°C
8 SO
MAX9686C/D
0°C to +70°C
Dice
MAX9686CTV
0°C to +70°C
8 TO-99 Metal Can
MAX9686MJA
-55°C to +125°C
8 CERDIP
MAX9686MTV
-55°C to +125°C
8 TO-99 Metal Can
MAX9698CPE
0°C to +70°C
16 Plastic Dip
MAX9698CJE
0°C to +70°C
16 CERDIP
MAX9698CSE
0°C to +70°C
16 SO
MAX9698C/D
0°C to +70°C
Dice
MAX9698MJE
-55°C to +125°C
16 CERDIP
*Contact factory for availability of 20-lead LCC.
GND
LE2
LE1
1
2
Q2
Q2
Q1
GND
Q1
PLASTIC DIP, CERDIP,
SO
TO-99 METAL CAN
PLASTIC DIP, CERDIP,
SO
3
4
-IN2
+IN2
+IN1
5
6
N.C.
V
+
V
-
-IN1
N.C.
7
8
GND
LE
V
-
1
2
8
7
OUT
OUT
+IN
-IN
V
+
3
4
6
5
GND
+IN
LE
OUT
-IN
V
+
OUT
V
-
6
2
8
4
5
1
7
3
MAX9686
MAX9686
MAX9698
16
15
14
13
12
11
10
9
TOP VIEW



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com