Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW4811NBHD/LF Datasheet(PDF) 9 Page - STMicroelectronics

Part # STW4811NBHD/LF
Description  Power management for multimedia processors
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4811NBHD/LF Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STW4811NBHD/LF Datasheet HTML 5Page - STMicroelectronics STW4811NBHD/LF Datasheet HTML 6Page - STMicroelectronics STW4811NBHD/LF Datasheet HTML 7Page - STMicroelectronics STW4811NBHD/LF Datasheet HTML 8Page - STMicroelectronics STW4811NBHD/LF Datasheet HTML 9Page - STMicroelectronics STW4811NBHD/LF Datasheet HTML 10Page - STMicroelectronics STW4811NBHD/LF Datasheet HTML 11Page - STMicroelectronics STW4811NBHD/LF Datasheet HTML 12Page - STMicroelectronics STW4811NBHD/LF Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 85 page
background image
STw4811M/STw4811N
Functional block diagram
CD00131784
9/85
2
Functional block diagram
Figure 2.
STw4811 block diagram
VBA T _ VIO _ V M E M
V L X _ VIO _ VM E M
VIO_ V M EM
V M IN U S _V IO _V M E M
VI O _ VM EM
STEP D O W N
VBAT _ V C O R E
VL X _ VC O R E
VC OR E
V M IN US _ V CO R E
VC O R E
STEP D O W N
R E F E RE NC E
VOL T A G E
V P LL LD O
1.05 , 1. 2, 1. 3, 1. 8 V
10 m A
VA NA L D O
2 .5 V / 10 m A
VA UX L D O
1. 5, 1. 8, 2 .5, 2.8 V
15 0 m A
SOF T S T AR T
CH AR G E P U MP
5 V / 100 m A
VU SB
3. 1 V
DR I V ER S
&
LE V E L
SH IF T E R S
CONT ROL
US B O E n
US B V P
US B V M
US B RCV
US B O T G
t r ans ceiv e r
V MMC
1 .8, 1.8 5 , 2. 6, 2. 7
2 .85 , 3, 3. 3 V
150 m A
VBAT _ M M C
VM M C
CL K O UT
CM DO U T
LA T C H C LK
DA T A 1
DA T A 0
DA T A 3
DA T A 2
MCF B C L K
M CCL K
MC C M D
MCD A T A 0
MCD A T A 1
MCD A T A 2
MCD A T A 3
LE V E L
SHI F TER S
MCCM DD IR
M CDA T 0 DIR
M CDA T 2 DIR
M CDA T 3 1 D IR
CO NTRO L
S D /MMC I N T E R F A C E
I2 C
MU X
I2 C
IN T E R F A C E
US B S D A
US B S CL
SD A
SC L
PU L L UP &
PU L L DOW N
VM IN U S _ U SB
US B
CO NTRO L
US B INTn
IT _W A KE_ U P
G E NE RA L
CO NTRO L
PO N
V DDO K
PO R n
PW R E N
SW R ESET n
GP O 1
GP O 2
RE Q U E S T _ M C
TC X O _ E N
C L K 32K
C L K 32K _IN
M A S T E R _C LK
IN T E R N A L
OS C IL L A T OR
CL O C K SW I T C H I N G
& CO NTRO L
TH E R M A L
S H UT DOW N
SU PPL Y
M O NIT O RI N G
PO R n
VB AT
V M IN U S _ D IG
V BAT _ D IG
V R E F _18
V BAT _ V P L L _ VAN A
VP L L
VA N A
VA U X
V BAT _ V A U X
V BAT _ U S B
CP
CN
VB U S
VU S B
DP
DN
ID
V BAT _ A N A
V M INUS _ A NA
S T w 481 1
VBA T _ VIO _ V M E M
V L X _ VIO _ VM E M
VIO_ V M EM
V M IN U S _V IO _V M E M
VI O _ VM EM
STEP D O W N
VBAT _ V C O R E
VL X _ VC O R E
VC OR E
V M IN US _ V CO R E
VC O R E
STEP D O W N
R E F E RE NC E
VOL T A G E
V P LL LD O
1.05 , 1. 2, 1. 3, 1. 8 V
10 m A
VA NA L D O
2 .5 V / 10 m A
VA UX L D O
1. 5, 1. 8, 2 .5, 2.8 V
15 0 m A
SOF T S T AR T
CH AR G E P U MP
5 V / 100 m A
VU SB
3. 1 V
DR I V ER S
&
LE V E L
SH IF T E R S
CONT ROL
US B O E n
US B V P
US B V M
US B RCV
US B O T G
t r ans ceiv e r
V MMC
1 .8, 1.8 5 , 2. 6, 2. 7
2 .85 , 3, 3. 3 V
150 m A
VBAT _ M M C
VM M C
CL K O UT
CM DO U T
LA T C H C LK
DA T A 1
DA T A 0
DA T A 3
DA T A 2
MCF B C L K
M CCL K
MC C M D
MCD A T A 0
MCD A T A 1
MCD A T A 2
MCD A T A 3
LE V E L
SHI F TER S
MCCM DD IR
M CDA T 0 DIR
M CDA T 2 DIR
M CDA T 3 1 D IR
CO NTRO L
S D /MMC I N T E R F A C E
I2 C
MU X
I2 C
IN T E R F A C E
US B S D A
US B S CL
SD A
SC L
PU L L UP &
PU L L DOW N
VM IN U S _ U SB
US B
CO NTRO L
US B INTn
IT _W A KE_ U P
G E NE RA L
CO NTRO L
PO N
V DDO K
PO R n
PW R E N
SW R ESET n
GP O 1
GP O 2
RE Q U E S T _ M C
TC X O _ E N
C L K 32K
C L K 32K _IN
M A S T E R _C LK
IN T E R N A L
OS C IL L A T OR
CL O C K SW I T C H I N G
& CO NTRO L
TH E R M A L
S H UT DOW N
SU PPL Y
M O NIT O RI N G
PO R n
VB AT
V M IN U S _ D IG
V BAT _ D IG
V R E F _18
V BAT _ V P L L _ VAN A
VP L L
VA N A
VA U X
V BAT _ V A U X
V BAT _ U S B
CP
CN
VB U S
VU S B
DP
DN
ID
V BAT _ A N A
V M INUS _ A NA
V R E F _18
V BAT _ V P L L _ VAN A
VP L L
VA N A
VA U X
V BAT _ V A U X
V BAT _ U S B
CP
CN
VB U S
VU S B
DP
DN
ID
V BAT _ A N A
V M INUS _ A NA
S T w 481 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com