Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2124 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2124
Description  Constant Frequency, Synchronous Current Mode Buck Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2124 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2124 Datasheet HTML 1Page - Micrel Semiconductor MIC2124 Datasheet HTML 2Page - Micrel Semiconductor MIC2124 Datasheet HTML 3Page - Micrel Semiconductor MIC2124 Datasheet HTML 4Page - Micrel Semiconductor MIC2124 Datasheet HTML 5Page - Micrel Semiconductor MIC2124 Datasheet HTML 6Page - Micrel Semiconductor MIC2124 Datasheet HTML 7Page - Micrel Semiconductor MIC2124 Datasheet HTML 8Page - Micrel Semiconductor MIC2124 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Micrel, Inc.
MIC2124
June 2010
4
M9999-060810-D
Parameter
Conditions
Min
Typ
Max
Units
FET Drivers
DH, DL Output Low Voltage
ISINK = 10mA
0.1
V
DH, DL Output High Voltage
ISOURCE = 10mA, measured the difference
between VBST-VDH, VIN-VDL
0.1
V
DH On-Resistance, High State
2
3
Ω
DH On-Resistance, Low State
1.5
3
Ω
DL On-Resistance, High State
2
3
Ω
DL On-Resistance, Low State
1
2
Ω
LX, BST, HSD Leakage Current
TA = 25°C
30
µA
Thermal Protection
Over-temperature Shutdown
160
°C
Over-temperature Shutdown
Hysteresis
5
°C
Shutdown Control
EN/COMP Logic Level High
3V < VIN <5.5V
0.5
0.4
V
EN/COMP Logic Level Low
3V < VIN <5.5V
0.4
0.25
V
EN/COMP Hysteresis
3V < VIN <5.5V
26
mV
EN/COMP Pull-up Current
VEN/COMP = 0V
47
100
µA
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. The maximum allowable power dissipation of any TA is PD(max) = (TJ(max)-TA) / θJA. Exceeding the maximum allowable power dissipation will result in
excessive die temperature, and the regulator will go into thermal shutdown.
4. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF.
5. Specification for packaged product only.
6. The application is fully functional at low IN (supply of the control section) if the external MOSFETs have enough low voltage VTH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com