Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2164 Datasheet(PDF) 21 Page - Micrel Semiconductor

Part # MIC2164
Description  Synchronous Buck Controllers Featuring Adaptive On-Time Control 28V Input, Constant Frequency
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2164 Datasheet(HTML) 21 Page - Micrel Semiconductor

Back Button MIC2164_10 Datasheet HTML 17Page - Micrel Semiconductor MIC2164_10 Datasheet HTML 18Page - Micrel Semiconductor MIC2164_10 Datasheet HTML 19Page - Micrel Semiconductor MIC2164_10 Datasheet HTML 20Page - Micrel Semiconductor MIC2164_10 Datasheet HTML 21Page - Micrel Semiconductor MIC2164_10 Datasheet HTML 22Page - Micrel Semiconductor MIC2164_10 Datasheet HTML 23Page - Micrel Semiconductor MIC2164_10 Datasheet HTML 24Page - Micrel Semiconductor MIC2164_10 Datasheet HTML 25Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
Micrel, Inc.
MIC2164/-2/-3/C
September 2010
21
M9999-091310-D
Setting Output Voltage
In addition to the external ripple injection added at the
FB pin, internal ripple injection is added at the inverting
input of the comparator inside the MIC2164/-2/-3, as
shown in Figure 7. The inverting input voltage VINJ is
clamped to 1.2V. As VOUT is increased, the swing of VINJ
will be clamped. The clamped VINJ reduces the line
regulation because it is reflected back as a DC error on
the FB terminal. Therefore, the maximum output voltage
of the MIC2164/-2/-3 should be limited to 5.5V to avoid
this problem. If a higher output voltage is required, use
the MIC2176 instead.
The MIC2164/-2/-3 requires two resistors to set the
output voltage, as shown in Figure 6:
Figure 6. Voltage-Divider Configuration
The output voltage is determined by the equation:
)
R2
R1
(1
V
V
REF
OUT
+
×
=
(33)
Figure 7. Internal Ripple Injection
where VREF = 0.8V. A typical value of R1 can be between
3kΩ and 10kΩ. If R1 is too large, it may allow noise to be
introduced into the voltage feedback loop. If R1 is too
small, it will decrease the efficiency of the power supply,
especially at light loads. Once R1 is selected, R2 can be
calculated using:
REF
OUT
REF
V
V
R1
V
R2
−
×
=
(34)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com