Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24M01-RMW6TP/A Datasheet(PDF) 30 Page - STMicroelectronics

Part # M24M01-RMW6TP/A
Description  1 Mbit serial I²C bus EEPROM
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24M01-RMW6TP/A Datasheet(HTML) 30 Page - STMicroelectronics

Back Button M24M01-RMW6TP/A Datasheet HTML 26Page - STMicroelectronics M24M01-RMW6TP/A Datasheet HTML 27Page - STMicroelectronics M24M01-RMW6TP/A Datasheet HTML 28Page - STMicroelectronics M24M01-RMW6TP/A Datasheet HTML 29Page - STMicroelectronics M24M01-RMW6TP/A Datasheet HTML 30Page - STMicroelectronics M24M01-RMW6TP/A Datasheet HTML 31Page - STMicroelectronics M24M01-RMW6TP/A Datasheet HTML 32Page - STMicroelectronics M24M01-RMW6TP/A Datasheet HTML 33Page - STMicroelectronics M24M01-RMW6TP/A Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
M24M01-R die description
M24M01-R, M24M01-W, M24M01-HR
30/37
Doc ID 12943 Rev 7
8
M24M01-R die description
Caution:
As EEPROM cells loose their charge (and so their binary value) when exposed to ultra violet
(UV) light, EEPROM dice delivered in wafer form by STMicroelectronics must never be
exposed to UV light.
Product M24M01-A
●
Wafer size
203 mm (8 inches)
●
Die identification
M24M01, processed in the Rousset fab
Die Layout
●
Die size (X × Y)
2085 × 3605 µm (including scribe line)
●
Scribe line
80.0 × 80.0 µm
●
Pad opening
90 × 90 µm
●
DI
Die identification (at the position shown in Figure 17)
●
Pads
Pad contacts (at the positions shown in Figure 17 and
Table 18)
Figure 17.
M24M01-R die plot
1.
Refer to Table 18: Pad coordinates for the pad locations.
Die identification: M24M01
VCC
WC
SCL
SDA
E1
E2
VSS
E0
Y
X
ai15446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com