Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB60N55F3 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STB60N55F3
Description  N-channel 55 V, 6.5 mΩ, 80 A, DPAK, IPAK, D2PAK, I2PAK, TO-220 TO-220FP STripFET™III Power MOSFET
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB60N55F3 Datasheet(HTML) 5 Page - STMicroelectronics

  STB60N55F3 Datasheet HTML 1Page - STMicroelectronics STB60N55F3 Datasheet HTML 2Page - STMicroelectronics STB60N55F3 Datasheet HTML 3Page - STMicroelectronics STB60N55F3 Datasheet HTML 4Page - STMicroelectronics STB60N55F3 Datasheet HTML 5Page - STMicroelectronics STB60N55F3 Datasheet HTML 6Page - STMicroelectronics STB60N55F3 Datasheet HTML 7Page - STMicroelectronics STB60N55F3 Datasheet HTML 8Page - STMicroelectronics STB60N55F3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
STx60N55F3
Electrical characteristics
Doc ID 13242 Rev 4
5/20
Table 7.
Source drain diode
Symbol
Parameter
Test conditions
Packages
Min.
Typ.
Max.
Unit
ISD
ISDM
(1)
Source-drain current
Source-drain current (pulsed)
DPAK-D2PAK-
I2PAK-I2PAK-
TO-220
-
80
320
A
A
ISD
ISDM
(1)
Source-drain current
Source-drain current (pulsed)
TO-220FP
-
42
168
A
A
VSD
Forward on voltage
ISD = 65A, VGS = 0
-1.5
V
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 65A, VDD = 30V
di/dt = 100A/µs,
Tj = 150°C
(see Figure 17)
-
47
87
3.7
ns
nC
A
1.
Pulsed: pulse duration = 300 µs, duty cycle 1.5%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com