Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2174 Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC2174
Description  Synchronous Buck Controller Featuring Adaptive On-Time Control 40V Input, 300kHz
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2174 Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC2174 Datasheet HTML 9Page - Micrel Semiconductor MIC2174 Datasheet HTML 10Page - Micrel Semiconductor MIC2174 Datasheet HTML 11Page - Micrel Semiconductor MIC2174 Datasheet HTML 12Page - Micrel Semiconductor MIC2174 Datasheet HTML 13Page - Micrel Semiconductor MIC2174 Datasheet HTML 14Page - Micrel Semiconductor MIC2174 Datasheet HTML 15Page - Micrel Semiconductor MIC2174 Datasheet HTML 16Page - Micrel Semiconductor MIC2174 Datasheet HTML 17Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
Micrel, Inc.
MIC2174/MIC2174C
September 2010
13
M9999-091310-C
The circuit in Figure 4 illustrates the MIC2174/MIC2174C
current limiting circuit.
MOSFET Gate Drive
The MIC2174/MIC2174C high-side drive circuit is
designed to switch an N-Channel MOSFET. The block
diagram of Figure 1 shows a bootstrap circuit, consisting
of D1 (a Schottky diode is recommended) and CBST. This
circuit supplies energy to the high-side drive circuit.
Capacitor CBST is charged, while the low-side MOSFET
is on, and the voltage on the LX pin is approximately 0V.
When the high-side MOSFET driver is turned on, energy
from CBST is used to turn the MOSFET on. As the high-
side MOSFET turns on, the voltage on the LX pin
increases to approximately VHSD. Diode D1 is reversed
biased and CBST floats high while continuing to keep the
high-side MOSFET on. The bias current of the high-side
driver is less than 10mA so a 0.1μF to 1μF is sufficient to
hold the gate voltage with minimal droop for the power
stroke (high-side switching) cycle, i.e. ΔBST = 10mA x
3.33μs/0.1μF = 333mV. When the low-side MOSFET is
turned back on, CBST is recharged through D1. A small
resistor RG, which is in series with CBST, can be used to
slow down the turn-on time of the high-side N-channel
MOSFET.
Figure 4. MIC2174/MIC2174C Current Limiting Circuit
Using the typical VCL value of 130mV, the current limit
value is roughly estimated as:
DS(ON)
CL
R
130mV
I
≈
The drive voltage is derived from the supply voltage VIN.
The nominal low-side gate drive voltage is VIN and the
nominal high-side gate drive voltage is approximately VIN
– VDIODE, where VDIODE is the voltage drop across D1. An
approximate 30ns delay between the high-side and low-
side driver transitions is used to prevent current from
simultaneously
flowing
unimpeded
through
both
MOSFETs.
For designs where the current ripple is significant
compared to the load current IOUT, or for low duty cycle
operation, calculating the current limit ICL should take
into account that one is sensing the peak inductor
current and that there is a blanking delay of
approximately 150ns.
2
ΔI
L
t
V
R
130mV
I
L(pp)
DLY
OUT
DS(ON)
CL
−
×
+
=
(3)
L
f
D)
(1
V
ΔI
SW
OUT
L(pp)
×
−
×
=
(4)
where:
VOUT = The output voltage
tDLY = Current limit blanking time, 150ns typical
ΔIL(pp) = Inductor current ripple peak-to-peak value
D = Duty Cycle
fSW = Switching frequency
The MOSFET RDS(ON) varies 30 to 40% with temperature.
Therefore, it is recommended to add 50% margin to ICL
in the above equation to avoid false current limiting due
to an increased MOSFET junction temperature rise. It is
also recommended to connect the LX pin directly to the
drain of the low-side MOSFET to accurately sense the
MOSFETs RDS(ON).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com